Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-2704-002 Datasheet(PDF) 3 Page - Dialight Corporation

Part # 591-2704-002
Description  Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2704-002 Datasheet(HTML) 3 Page - Dialight Corporation

  591-2704-002 Datasheet HTML 1Page - Dialight Corporation 591-2704-002 Datasheet HTML 2Page - Dialight Corporation 591-2704-002 Datasheet HTML 3Page - Dialight Corporation 591-2704-002 Datasheet HTML 4Page - Dialight Corporation 591-2704-002 Datasheet HTML 5Page - Dialight Corporation 591-2704-002 Datasheet HTML 6Page - Dialight Corporation 591-2704-002 Datasheet HTML 7Page - Dialight Corporation 591-2704-002 Datasheet HTML 8Page - Dialight Corporation 591-2704-002 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Extended Lens
Square Lens
Round Lens
591 Series Prism
®
CBI
®
Single Level Surface Mount LED
Color Field
Operating Characteristics
Color
Code
Color
Material
Feature
Test
Condition
Vf Typ
(Volts)
Typ Luminous
Intensity
(mcd)
Typ Dom
Wavelength
(nm)
20*
Red
GaAsP/GaP
Hi. Efficiency If = 10mA
2.0
5.0
628
21
Red
AlGaAs
-----
If = 10mA
1.8
23.9
645
22
Green
AlGaP
Hi. Intensity
If = 10mA
2.1
9.1
570
23*
Green
GaP
-----
If = 10mA
2.0
4.0
570
24*
Yellow
GaAsP/GaP
-----
If = 10mA
2.0
5.0
587
25*
Orange
GaAsP
-----
If = 10mA
2.0
13.7
606
26
Blue
InGaN
-----
If = 20mA
3.5
6.0
465
27
Yellow
AlInGaP
-----
If = 10mA
2.0
33.6
587
28
White
InGaN
-----
If = 20mA
3.5
19.0
x .33
y .33
30
R/G
GaAsP
-----
If = 10mA
2.0/2.0
6.5/8.0
628/570
31
Y/G
GaAsP/GaP
-----
If = 10mA
2.0/2.0
6.5/8.0
586/570
32
R/Y
AlGaP/AlGaP
-----
If = 10mA
2.0/2.0
6.5/6.5
528/586
34
R/B
AlInGaP/GaN
-----
If = 20mA
1.9/3.9
30/5
626/470
35
R/G/B
AlInGaP/InGaN
-----
If = 20mA 2.6/4.5/2.6
10/5/16
645/466/570
36
O/G
GaAsP/GaP
-----
If = 10mA
2.0/2.0
5.5/8.5
606/570
Order Code
591- XX 0 X -X X X F
Color
Current
Package Options
Lens Type
www.dialight.com
Specifications
1
Current
Current Code
Current Type
1
Standard
4
Low Current
2
Lens Type
Lens Code
Lens Type
0
Round
1
Square
2
Extended
Packaging Type
Packaging Code
Packaging
02
20 piece strip
07
7" Reel
13
13" Reel
*Low current version only available in marked colors (*). See page 14 for details.
.105+.010
[2,66+0,25]
.240+.010
[6,1+0,25]
Ø.112 TYP
[2,85]
.004
[0,1]
MAX BELOW
SURFACE A
.120
[3,05]
C OF LED
L
.007
[0,18]
MAX ABOVE
SURFACE A
CATHODE ID
LED LEAD
SOLDERING
SURFACE A
.082+.010
.107+.005
.004
MAX
BELOW
SURFACE A
.120
C OF LED
L
.007
MAX ABOVE
SURFACE A
CATHODE ID
.240 REF
LED LEAD
SOLDERING
SURFACE A
LED LEAD
SOLDERING
SURFACE A
Ø.112 max
[2,84]
HI TEMP LENS
MATERIAL
.004 MAX BELOW
0.10 SURFACE A
.169
[4,3]
.360
[9,14]
.160
[4,06]
.310+.005
[7,87+0,13]
.170+.010
[4,32+0,25]
.112+.05
[2,85+0,12]
,120
+,005
-,010
[3,05+0,13]
- 0,25
SOLDER PLATED
TYP
.198+.010
[5,03+0,25]
.198+.009
SOLDER PLATED
TYP
.170 REF
.125 MAX
.170
[4,32]
.112+.005
[2,84+0,13]
.150+.010
[3,81+0,25]
.236
[5,99]
.100
[2,54]
.039
[0,99]
2Detail on page 14
1For pad layout please see page 13
RoHS Compliant
3
.007
MAX ABOVE
SURFACE A


Similar Part No. - 591-2704-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2701-002 DIALIGHT-591-2701-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2701-002 DIALIGHT-591-2701-002 Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2701-002F DIALIGHT-591-2701-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
591-2701-007 DIALIGHT-591-2701-007 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2701-007 DIALIGHT-591-2701-007 Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
More results

Similar Description - 591-2704-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
595-2401-007F DIALIGHT-595-2401-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
595-2301-007F DIALIGHT-595-2301-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Dialight Corporation
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
   Circuit Board Indicators
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
598-8610-302F DIALIGHT-598-8610-302F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??1210 PACKAGE
5988020107F DIALIGHT-5988020107F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com