Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

515-1069F Datasheet(PDF) 5 Page - Dialight Corporation

Part # 515-1069F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1069F Datasheet(HTML) 5 Page - Dialight Corporation

  515-1069F Datasheet HTML 1Page - Dialight Corporation 515-1069F Datasheet HTML 2Page - Dialight Corporation 515-1069F Datasheet HTML 3Page - Dialight Corporation 515-1069F Datasheet HTML 4Page - Dialight Corporation 515-1069F Datasheet HTML 5Page - Dialight Corporation 515-1069F Datasheet HTML 6Page - Dialight Corporation 515-1069F Datasheet HTML 7Page - Dialight Corporation 515-1069F Datasheet HTML 8Page - Dialight Corporation 515-1069F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Part Number
Drawing
Suggested
LED*
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
515-1105F
515-1111F
515-1135F
515-1136F
515-1141-195F
515-1142-195F
5
.157
(3,99)
.075
(1,91)
.128
(3,24)
.122
(3,1)
.157
(3,99)
.014
(0,36)
.308
(7,82)
Ø.063
(1,6)
.096
(2,44)
.170
(4,33)
.170
(4,32)
LED ℄
.115
(2,93)
.062
(1,57)
.700
(17,78)
.614
.394
.380
LED ℄
.100 TYP.
.145
.289
.125
.100
R .20
2.061
.113
.050
2.074
.100
.563
.100
.096
(2,44)
.110
(2,79)
.170
(4,32)
.45°
2.369
(60,17)
.615
(15,62)
.155°
.155°
.250
(6,35)
.400
(10,16)
.070
(1,78)
.291
(7,39)
.185
(4,7)
.475
(12,07)
.110
(2,79)
.096
(2,44)
2.369
(60,17)
45°
.170
(4,32)
.615
(15,62)
POLISHED
155°
155°
.250
(6,35)
.400
(10,16)
.070
(1,78)
.291
(7,39)
.185
(4,7)
.475(12,07)
.13
(3,3)
.078±.003
(1,98±0,07)
.156
(3,96)
.157
(4)
∅ .079
(2)
.140
(3,56)
.079
(2)
.420
(10,67)
.210
(5,33)
.079
(2)
.090
(2,29)
.140
(3,56)
.100
(2,54)
.197
(5)
.236
(6)
.281
(7,14)
0.77
(19,5)
.078±.003
(1,98±0,07)
.156
(3,96)
.17
(4,3)
∅.15748
(4)
.118
(3)
.140
(3,56)
.157
(4)
.210
(5,33)
.420
(10,67)
.157
(4)
.090
(2,56)
.281±.003
(7,14±0,07)
.140
(3,56)
.100
(2,54)
.197
(5)
.276
(7)
* ’X’ represents a variable part number. See page 17 for LED details.
0.77
(19,5)


Similar Part No. - 515-1069F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1069 DIALIGHT-515-1069 Datasheet
404Kb / 1P
   3mm Round Optopipe Optical Light Pipe, 3 Array
More results

Similar Description - 515-1069F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com