Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC846A
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846A Datasheet(HTML) 3 Page - Diodes Incorporated

  BC846A_11 Datasheet HTML 1Page - Diodes Incorporated BC846A_11 Datasheet HTML 2Page - Diodes Incorporated BC846A_11 Datasheet HTML 3Page - Diodes Incorporated BC846A_11 Datasheet HTML 4Page - Diodes Incorporated BC846A_11 Datasheet HTML 5Page - Diodes Incorporated BC846A_11 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC846A – BC848C
Document Number: DS11108 Rev. 23 - 2
3 of 6
www.diodes.com
August 2011
© Diodes Incorporated
BC846A-BC848C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BC846
BVCBO
80
-
-
V
IC = 10µA
BC847
50
BC848
30
Collector-Emitter Breakdown Voltage
(Note 6)
BC846
BVCEO
65
-
-
V
IC = 10mA
BC847
45
BC848
30
Emitter-Base Breakdown Voltage
BC846 / BC847
BVEBO
6
-
-
V
IE = 1µA
BC848
5
Collector Cutoff Current
ICBO
-
-
15
µA
VCB = 40V
5
VCB = 30V, TA=150°C
Collector Emitter Cutoff Current
BC846
ICES
-
-
15
nA
VCE= 80V
BC847
15
VCE= 50V
BC848
15
VCE= 30V
Small Signal Current Gain
(Note 6)
BC846A / BC847A / BC848A
hfe
-
200
-
-
IC = 2.0mA, VCE = 5V
f=1.0kHz
BC846B / BC847B / BC848B
330
BC847C / BC848C
600
Input Impedance
(Note 6)
BC846A / BC847A / BC848A
hie
-
2.7
-
k
BC846B / BC847B / BC848B
4.5
BC847C / BC848C
8.7
Output Admittance
(Note 6)
BC846A / BC847A / BC848A
hoe
-
18
-
µS
BC846B / BC847B / BC848B
30
BC847C / BC848C
60
Reverse Voltage Transfer
Ratio (Note 6)
BC846A / BC847A / BC848A
hre
-
1.5x10
-4
-
-
BC846B / BC847B / BC848B
2x10
-4
BC847C / BC848C
3x10
-4
DC Current Gain (Note 6)
BC846A / BC847A / BC848A
hFE
110
180
220
-
IC = 2.0mA, VCE = 5V
BC846B / BC847B / BC848B
200
290
450
BC847C / BC848C
420
520
800
Collector-Emitter Saturation Voltage
(Note 6)
VCE(sat)
-
90
250
mV
IC = 10mA, IB = 0.5mA
200
600
IC = 100mA, IB = 5.0mA
Base-Emitter Turn-On Voltage(Note 6)
VBE(on)
580
660
700
mV
IC = 2mA, VCE = 5V
-
-
770
IC = 10mA, VCE = 5V
Base-Emitter Saturation Voltage(Note 6)
VBE(sat)
-
700
-
mV
IC = 10mA, IB = 0.5mA
900
IC = 100mA, IB = 5mA
Output Capacitance
Cobo
-
3
-
pF
VCB = 10V, f = 1.0MHz
Transition Frequency
fT
100
300
-
MHz
VCE = 5V, IC = 10mA,
f = 100MHz
Noise Figure
NF
-
2
10
dB
VCE=5V, IC =200µA
RS =2kΩ, f=1kHz
∆f=200Hz
Note:
6. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - BC846A_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC846A MCC-BC846A_11 Datasheet
226Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results

Similar Description - BC846A_11

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com