Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-3504-202 Datasheet(PDF) 6 Page - Dialight Corporation

Part # 591-3504-202
Description  Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-3504-202 Datasheet(HTML) 6 Page - Dialight Corporation

Back Button 591-3504-202 Datasheet HTML 2Page - Dialight Corporation 591-3504-202 Datasheet HTML 3Page - Dialight Corporation 591-3504-202 Datasheet HTML 4Page - Dialight Corporation 591-3504-202 Datasheet HTML 5Page - Dialight Corporation 591-3504-202 Datasheet HTML 6Page - Dialight Corporation 591-3504-202 Datasheet HTML 7Page - Dialight Corporation 591-3504-202 Datasheet HTML 8Page - Dialight Corporation 591-3504-202 Datasheet HTML 9Page - Dialight Corporation 591-3504-202 Datasheet HTML 10Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
595 Series
2mm Single Level Prism
®
CBI
®
Specifications
Order Code
595- XXXX -0 XX F
Color Code
Package Options
Packaging Type
Packaging Code
Packaging
02
20 piece strip
07
7" Reel
13
13" Reel
www.dialight.com
Color Field
Operating Characteristics
Color
Code
Color
Material
Feature
Test
Condition
Vf Typ
(Volts)
Typ Luminous
Intensity (mcd)
Typ Dom
Wavelength
(nm)
2101
Red
AlGaAs
-----
20 mA
1.7
25.0
647
2201
Green
AlInGaP
Hi. Intensity
20 mA
2.1
70.0
572
2301
Green
AlInGaP
-----
20 mA
2.1
11.0
572
2401
Yellow
AlInGaP
-----
20 mA
2.2
9.0
586
2501
Orange
AlInGaP
-----
20 mA
2.2
9.0
606
2602
Blue
InGaN
-----
20 mA
3.3
80.0*
470
2701
Yellow
AlInGaP
-----
20 mA
2.0
41.0*
590
2902
Green
InGaN
-----
20 mA
3.3
300.0*
525
.098
+.000
- .005
[2,49+0,00]
- 0,12
Ø .080 + .005
[2,03 + 0,12]
.018 + .010
[0,047 + 0,12]
.072 + .005
[1,83 + 0,12]
.005 + .010
[0,13 + 0,25]
LENS
CATHODE ID
.030
[3,3]
C OF LED
L
.068 + .005
[,73 + 0,12]
.065
[1,65]
LED SOLDER PAD
.088 + .010
[2,24 + 0,25]
.141
[3,581]
.100
[2,54]
CENTERS
.033
[0,84]
.173
[4,39]
.059
[1,50]
.067 [1,7]
COMPONENT SIDE
RECOMMENDED PC BOARD LAND PATTERN
(DIM’S + .004
.013
[0,33]
.069
[1,75]
.148
[3,76]
.217
[5,51]
CATHODE
.079
[2]
.157
[4]
.315
[8]
Ø .059
[1,5]
.472
[12]
DIRECTION OF FEED
TOLERANCE: .004 UNLESS OTHERWISE SPECIFIED
MILLIMETER DIMENSIONS SHOWN FOR REFERENCE ONLY
*Test condition = 10mA
Taping Specification
6
.063
[1,6]
.051
[1,3]
RoHS Compliant


Similar Part No. - 591-3504-202

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-3504-002F DIALIGHT-591-3504-002F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
591-3504-007F DIALIGHT-591-3504-007F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
591-3504-013F DIALIGHT-591-3504-013F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
591-3504-102F DIALIGHT-591-3504-102F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
591-3504-107F DIALIGHT-591-3504-107F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
More results

Similar Description - 591-3504-202

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
595-2401-007F DIALIGHT-595-2401-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
595-2301-007F DIALIGHT-595-2301-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Dialight Corporation
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
   Circuit Board Indicators
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
598-8610-302F DIALIGHT-598-8610-302F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??1210 PACKAGE
5988020107F DIALIGHT-5988020107F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com