Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-2601-207 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 591-2601-207
Description  Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2601-207 Datasheet(HTML) 2 Page - Dialight Corporation

  591-2601-207 Datasheet HTML 1Page - Dialight Corporation 591-2601-207 Datasheet HTML 2Page - Dialight Corporation 591-2601-207 Datasheet HTML 3Page - Dialight Corporation 591-2601-207 Datasheet HTML 4Page - Dialight Corporation 591-2601-207 Datasheet HTML 5Page - Dialight Corporation 591-2601-207 Datasheet HTML 6Page - Dialight Corporation 591-2601-207 Datasheet HTML 7Page - Dialight Corporation 591-2601-207 Datasheet HTML 8Page - Dialight Corporation 591-2601-207 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Prism
® CBI®
Dialight’s Prism indicators are the industry’s only SMD indicator series designed to survive 260°C peak reflow
temperature AND provide the aesthetic appeal of a diffused lens for enhanced viewing. Ideal for
limited-space applications and board-edge mounting, the Prism Series is available in a variety of package
sizes including single level, bi-level, and tri-level configuration and in 2mm and 3mm lens size. The integral light
pipes used in Prism are engineered for maximum light transmission and minimal light bleed while the diffused
lens is also ideal for bi-color and tri-color applications where color-mixing is desired.
Micro LED
® SMD LED
Dialight’s Micro LED Surface Mount LED product line provides one of the industry’s widest range of discrete LEDs.
Packaged in ChipLED, PLCC, right-angle and reverse-mount configurations, Dialight offers a full range off
colors and intensities, including the latest AllnGaP and InGaN technology.
With such a wide variety of
mounting styles, colors, intensities, viewing angles and lens features, Micro LED series is sure to include a
cost-effective solution to any application.
Contact your Authorized Dialight Distributor or local Sales Representative for more information or samples.
http://www.dialight.com/WhereToBuy/Status-Indication
Features and Benefits
Prism
® CBI®
• Compatible with automatic pick-and-place
equipment for reduced installation costs
• RoHS Compliant
• Available with 2mA low current LED
• Eliminates wave soldering process
• Black, low-profile PPA housing enhances
the contrast ratio for better clarity
www.dialight.com
Index
02 Product Overview
Prism
® CBI®
03 591 Series
04 592 Series
05 593 Series
06 595 Series
Micro LED
® SMD LED
07 Micro LED
® SMD LED
09 PLCC
Reverse Mount
Right Angle
10 Right Angle
Drawings
11 Micro LED
® SMD
12 Micro LED
® SMD
Right Angle
13 Reverse Mount
PLCC
591Series pad layouts
New Products
14 Low Current LEDs
The following pages are organized as a product overview. Additional information is available at www.dialight.com including detailed specs
and schematics, 3D models, and operating characteristics. The most recent version of this selector guide can be found at:
http://www.dialight.com/Assets/Brochures_And_Catalogs/Indication/SMT_Selector_Guide.pdf
Micro LED
® SMD LED
• Can be used with Dialight’s wide-range of Optopipe
®
series light pipes.
• Package sizes include 0603, 0606, 0805, 1206,
1208,1210,1616
• Compatible with infrared reflow processes and JEDEC
standards
• Helps to eliminate mixed technology pc board processing
• RoHS compliant
• Available in 2mA low current versions
Typical Applications
• Data center Infrastructure
• Servers - Rack mount; blade; tower
• Storage – High-performance storage subsystems for high- end enterprise
• Networking Equipment for enterprise data centers and telecom communication centers
• Switches, routers, and network control equipment interconnected using fiber optic and
high speed wiring
• Storage Networking Hardware
• Fiber channel host bus adapter cards (HBAs); converged network adapter cards (CNAs);
\ISCSi adapter cards; InfiniBand adapter cards
• Next-Gen Wireless
• Wireless Infrastructure
• Electronic Test & Measurement Instruments
• Communications Testing Equipment
• Process controls
• Automation
• Medical
• Handheld devices
• Battery powered applications (2mA version)
2
40 Years of LED Experience


Similar Part No. - 591-2601-207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2601-002 DIALIGHT-591-2601-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2601-002F DIALIGHT-591-2601-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
591-2601-007 DIALIGHT-591-2601-007 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2601-007F DIALIGHT-591-2601-007F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
591-2601-013 DIALIGHT-591-2601-013 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
More results

Similar Description - 591-2601-207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
595-2401-007F DIALIGHT-595-2401-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
595-2301-007F DIALIGHT-595-2301-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Dialight Corporation
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
   Circuit Board Indicators
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
598-8610-302F DIALIGHT-598-8610-302F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??1210 PACKAGE
5988020107F DIALIGHT-5988020107F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com