Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-2604-207 Datasheet(PDF) 4 Page - Dialight Corporation

Part # 591-2604-207
Description  Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2604-207 Datasheet(HTML) 4 Page - Dialight Corporation

  591-2604-207 Datasheet HTML 1Page - Dialight Corporation 591-2604-207 Datasheet HTML 2Page - Dialight Corporation 591-2604-207 Datasheet HTML 3Page - Dialight Corporation 591-2604-207 Datasheet HTML 4Page - Dialight Corporation 591-2604-207 Datasheet HTML 5Page - Dialight Corporation 591-2604-207 Datasheet HTML 6Page - Dialight Corporation 591-2604-207 Datasheet HTML 7Page - Dialight Corporation 591-2604-207 Datasheet HTML 8Page - Dialight Corporation 591-2604-207 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.dialight.com
592 Series Prism
®
CBI
®
Bi-Level Surface Mount LED
Specifications
Color Field
Operating Characteristics
Color
Code
Color
Material
Feature
Test
Condition
Vf Typ
(Volts)
Typ Luminous
Intensity
(mcd)
Typ Dom
Wavelength
(nm)
20
Red
GaAsP/GaP
Hi. Efficiency
If = 10mA
2.0
3
628
21
Red
AlGaAs
-----
If = 10mA
1.8
9
645
22
Green
AlGaP
Hi. Intensity
If = 10mA
2.0
6
570
23
Green
GaP
-----
If = 10mA
2.0
4
570
24
Yellow
GaAsP/GaP
-----
If = 10mA
2.0
2
587
25
Orange
GaAsP
-----
If = 10mA
2.0
2
606
26
Blue
InGaN
-----
If = 10mA
3.5
6
465
27
Yellow
AlInGaP
-----
If = 20mA
2.0
60
587
28
White
InGaN
-----
If = 10mA
3.1
34
x .33
y .33
29
Green
InGaN
-----
If = 20mA
3.7
56
525
30
R/G
GaAsP
-----
If = 10mA
2.0/2.0
3/4
628/570
31
Y/G
GaAsP/GaP
-----
If = 10mA
2.0/2.0
2/3
590/570
32
R/Y
AlGaP/AlGaP
-----
If = 20mA
2.0/2.0
21/34
633/587
34
R/B
AlInGaP/InGaN
-----
If = 10mA
1.9/3.0
21/24
625/467
35
R/G/B
AlInGaP/InGaN
-----
If = 20mA 1.9/3.4/3.4
31/84/16
626/525/470
36
O/G
GaAsP/GaP
-----
If = 10mA
2.0/2.0
3/4
606/570
Order Code
592- XX XX -3 XX F
Color Pos. 1
Package Options
RoHS Compliant
Color Pos. 2
Packaging Type
Packaging Code
Packaging
02
10 piece strip
13
13" Reel
Ø.043
Typ X4
.513
.148
.143
.100
.089
.177
.402
POS 1
.225
.059
RECOMMENDED PAD LAYOUT - SINGLE COLOR
.125 - .142
.148
.100
.525
.225
.125 - .142
.020 - .043
.225
.180
MAX
.200
.105
POS.1
.143
.105
CATHODE ID
(ANGLED SURFACE)
Single Color
Pad Layouts
Led Color
PIN 1
PIN 2
SINGLE COLOR
CATHODE
ANODE
Led Color
PIN 1
PIN 2
PIN 3
PIN 4
Red / Yellow
Red CATHODE
Red ANODE
Yellow ANODE Yellow CATHODE
Green / Yellow
Yellow CATHODE
Yellow ANODE
Green ANODE Green CATHODE
Red / Green
Red CATHODE
Red ANODE
Green ANODE Green CATHODE
Orange / Green Orange CATHODE
Orange ANODE
Green ANODE Green CATHODE
R / G / B Tri-Color
Red CATHODE
COMMON ANODE Green CATHODE BLUE CATHODE
.513
.225
Ø.043
Typ X4
.100
.143 .102
.059
.148
.089
0.43
RECOMMENDED PAD LAYOUT - MULTI-COLOR
4
Multi-Color
.455+.010
POS.2
.025
LED POS.1
REF
.560+.010
.405+.010
.083 - .091
.020 - .043
.083 - .091
.024 - .031
.102
POS 2
POS 1
POS 2
.177
.402
Ø .090 X2
LED POS.2
REF
.513+.002
.148
.513+.002
.100
Ø .040
+.000
- .002
.513+.002
.027
Ø .040
+.000
- .002


Similar Part No. - 591-2604-207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2601-002 DIALIGHT-591-2601-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2601-002F DIALIGHT-591-2601-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
591-2601-007 DIALIGHT-591-2601-007 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2601-007F DIALIGHT-591-2601-007F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
591-2601-013 DIALIGHT-591-2601-013 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
More results

Similar Description - 591-2604-207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
595-2401-007F DIALIGHT-595-2401-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
595-2301-007F DIALIGHT-595-2301-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Dialight Corporation
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
   Circuit Board Indicators
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
598-8610-302F DIALIGHT-598-8610-302F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??1210 PACKAGE
5988020107F DIALIGHT-5988020107F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com