Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-3004-207 Datasheet(PDF) 9 Page - Dialight Corporation

Part # 591-3004-207
Description  Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-3004-207 Datasheet(HTML) 9 Page - Dialight Corporation

Back Button 591-3004-207 Datasheet HTML 5Page - Dialight Corporation 591-3004-207 Datasheet HTML 6Page - Dialight Corporation 591-3004-207 Datasheet HTML 7Page - Dialight Corporation 591-3004-207 Datasheet HTML 8Page - Dialight Corporation 591-3004-207 Datasheet HTML 9Page - Dialight Corporation 591-3004-207 Datasheet HTML 10Page - Dialight Corporation 591-3004-207 Datasheet HTML 11Page - Dialight Corporation 591-3004-207 Datasheet HTML 12Page - Dialight Corporation 591-3004-207 Datasheet HTML 13Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PLCC
www.dialight.com
Reverse Mount
PLCC
Dialight
Part Number
Color
Material
Dom .
λ Typ.
(nm)
Intensity
Typ. (mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
Height
Test
Current
(mA)
Fig
Type
PLCC-2 Series Package with Reflector (3.5mm X 2.8mm X Height)
597-3001-207F
Red
GaAsP/GaP
620
10
2.0
120
1.9
20
24
Single Color
597-3008-207F
Red
InGaAIP
630
12.6
1.8
120
1.9
2
24
Single Color
597-3121-207F
Red
AlGaAs
645
35.5
1.75
120
1.9
10
24
Single Color
597-3208-207F
Orange
InGaAIP
606
19.6
1.8
120
1.9
2
24
Single Color
597-3211-207F
Orange
GaAsP/GaP
606
18.3
2.0
120
1.9
10
24
Single Color
597-3231-207F
Yellow
AllnGaP
587
100
2.0
120
1.9
20
24
Single Color
597-3301-207F
Green
GaAsP/GaP
570
19.6
2.0
120
1.9
10
24
Single Color
597-3306-207F
Green
GaAIP
570
24
2.0
120
1.9
10
24
Single Color
597-3308-207F
Green
InGaAIP
570
6.3
1.8
120
1.9
2
24
Single Color
597-3401-207F
Yellow
GaAsP/GaP
587
12.6
2.0
120
1.9
10
24
Single Color
597-3408-207F
Yellow
InGaAIP
587
15.7
1.8
120
1.9
2
24
Single Color
597-3601-207F
Blue
InGaN
465
11
3.5
120
1.9
10
24
Single Color
597-3901-207F
White
InGaN
x: 0.32
y: 0.31
135
3.5
120
1.9
20
24
Single Color
PLCC-4 Series Package with Reflector (3.5mm X 2.8mm X Height)
597-3029-207F
Red
InGaAIP
625
1800
2.15
120
1.9
50
25
Single Color
597-3209-207F
Orange
InGaAIP
606
2240
2.15
120
1.9
50
25
Single Color
597-3329-207F
Green
InGaN
525
1800
3.4
120
1.9
30
25
Single Color
597-3409-207F
Yellow
InGaAIP
589
1800
2.15
120
1.9
50
25
Single Color
597-3609-207F
Blue
InGaN
469
450
3.4
120
1.9
30
25
Single Color
597-3909-207F
White
InGaN
x:0.30,
y:0.28
1600
3.3
120
1.9
30
25
Single Color
597-7701-207F
Red/Green
GaAsP/GaP
628/570
11.3/11.3
2.0
120
1.9
10
26
Bi-Color
597-7721-207F
Yellow/Green
Gap/GaAsP
590/570
16/16
2.1/2.0
120
1.9
20
26
Bi-Color
597-7731-207F
Red/Yellow
GaAIP
628/590
10.5/10.5
2.0/2.0
120
1.9
10
26
Bi-Color
597-7741-207F Orange/Green
GaAsP/GaP
606/570
11.3/17.6
2.0
120
1.9
10
26
Bi-Color
597-7752-007F
Red/Green
AlInGaP/InGaN
625/525
350/850
2.0/3.15
120
1.9
20
26
Bi-Color
597-7761-207F Orange/Green
GaAsP/GaP
605/557
11.3/17.6
2.0
120
1.9
10
26
Bi-Color
597-7781-207F
Red/Blue
InGaAIP/GaN
633/467
45/11
2.0/3.5
120
1.9
10
26
Bi-Color
597-7712-207F
Red/
Green/
Blue
AlInGaP/
InGaN/
InGaN
617/
528/
470
190/
370/
98
2/3.5/3.6
120
1.9
20
27
Tri-Color
Reverse
Mount
Dialight
Part Number
Color
Material
Dom .
λ Typ.
(nm)
Intensity
Typ. (mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
Height
Test
Current
(mA)
Fig
Type
1206 Series Package (3.2mm X 1.6 X Height)
597-6001-607F
Red
AlInGaP
631
150
2.0
70
1.1
20
28
Single Color
597-6201-607F
Orange
AlInGaP
605
260
2.0
70
1.1
20
28
Single Color
597-6301-607F
Green
InGaN
525
410
3.0
70
1.1
20
28
Single Color
597-6401-607F
Yellow
AlInGaP
587
240
2.0
70
1.1
20
28
Single Color
597-6501-607F
Yellow-Green
AlInGaP
572
104
2.2
70
1.1
20
28
Single Color
597-6601-607F
Blue
InGaN
470
112
3.0
70
1.1
20
28
Single Color
597-6901-607F
White
InGaN
x .304,y.301
70
3
70
1.1
5
28
Single Color
597-7703-607F
Red/Green
AlInGaP
631/571
55/45
2.0
130
1.1
20
29
Bi-Color
597-7783-607F
Red/Blue
AlInGaP/InGaN
631/470
45/45
2.0/3.3
130
1.1
20
29
Bi-Color
Right Angle
Dialight
Part Number
Color
Material
Dom .
λ Typ.
(nm)
Intensity
Typ. (mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
Height
Test
Current
(mA)
Fig
Type
0605 Series Package ( 1.6mm X 1.15mm X Height)
597-2003-507F
Red
AlInGaP
630
40
2.2
135
0.55
20
15
Single Color
597-2033-507F
Red
AlInGaP
620
63
2.2
135
0.55
20
15
Single Color
597-2203-507F
Orange
AlInGaP
605
100
2.2
135
0.55
20
15
Single Color
597-2403-507F
Yellow
AlInGaP
590
63
2.0
135
0.55
30
15
Single Color
597-2503-507F
Yellow-Green
AlInGaP
572
25
2.2
135
0.55
20
15
Single Color
597-2603-507F
Blue
InGaN
470
140
3.2
140
0.55
20
15
Single Color
597-2903-507F
White
InGaN
x: 0.31
y: 0.31
170
3.1
150
0.55
20
15
Single Color
Right Angle
9


Similar Part No. - 591-3004-207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-3001-002 DIALIGHT-591-3001-002 Datasheet
27Kb / 2P
   3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
591-3001-007 DIALIGHT-591-3001-007 Datasheet
27Kb / 2P
   3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
591-3001-013 DIALIGHT-591-3001-013 Datasheet
27Kb / 2P
   3mm Prism CBICircuit Board Indicator Surface Mount LED, Round Lens
More results

Similar Description - 591-3004-207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
595-2401-007F DIALIGHT-595-2401-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
595-2301-007F DIALIGHT-595-2301-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Dialight Corporation
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
   Circuit Board Indicators
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
598-8610-302F DIALIGHT-598-8610-302F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??1210 PACKAGE
5988020107F DIALIGHT-5988020107F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com