Electronic Components Datasheet Search |
|
591-3104-207 Datasheet(PDF) 8 Page - Dialight Corporation |
|
591-3104-207 Datasheet(HTML) 8 Page - Dialight Corporation |
8 / 16 page Micro LED ® SMD LED (cont.) www.dialight.com ChipLED Dialight Part Number Color Material Dom . λ Typ. (nm) Intensity Typ. (mcd) Forward Voltage Typ. (V) Viewing Angle Height Test Current (mA) Fig Type 1206 Series Package with Lens (3.0mm X 1.6mm X Height) 597-3612-407F Blue InGaN 470 133 3.3 50 1.5 20 9 Single Color 597-3311-407F Green GaP 567 12 2.1 70 1.5 20 9 Single Color 597-3312-407F Green AlInGaP 561 42 2.1 60 1.5 20 9 Single Color 597-3325-407F Green InGaN 525 415 3.3 50 1.5 20 9 Single Color 597-3111-407F Red GaAIAs 647 33.6 1.7 70 1.5 20 9 Single Color 597-3021-407F Red AlInGaP 626 240 1.9 60 1.5 20 9 Single Color 597-3202-407F Orange AlInGaP 605 240 1.9 60 1.5 20 9 Single Color 597-3201-407F Orange GaAsP/GaP 606 9 2.2 70 1.5 20 9 Single Color 597-3401-407F Yellow GaAsP 590 6 2.2 70 1.5 20 9 Single Color 1208 Series Package with Reflector (3.0mm X 3.0mm X Height) 597-3002-507F Red AlInGaP 630 63 2.2 110 1.3 20 10 Single Color 597-3021-507F Red GaAsP 653 6.3 2.0 110 1.3 20 10 Single Color 597-3032-507F Red AlInGaP 620 100 2.2 110 1.3 20 10 Single Color 597-3111-507F Red AlGaAs 662 16 1.75 110 1.3 20 10 Single Color 597-3202-507F Orange AlInGaP 605 160 2.2 110 1.3 20 10 Single Color 597-3211-507F Orange GaAsP 612 10 2.0 110 1.3 20 10 Single Color 597-3301-507F Green AlInGaP 573 25 2.2 110 1.3 20 10 Single Color 597-3312-507F Green AlInGaP 560 18 2.1 110 1.3 20 10 Single Color 597-3322-507F Green InGaN 525 140 3.2 110 1.3 20 10 Single Color 597-3401-507F Yellow GaAsP 588 6.3 2.1 110 1.3 20 10 Single Color 597-3402-507F Yellow AlInGaP 590 160 2.2 110 1.3 20 10 Single Color 597-3502-507F Yellow-Green AlInGaP 572 25 2.2 110 1.3 20 10 Single Color 597-3602-507F Blue InGaN 470 100 3.3 110 1.3 20 10 Single Color 597-3902-507F White InGaN x: 0.3 y: 0.3 900 3.2 110 1.3 20 10 Single Color 1210 Series Package (3.2mm X 2.7mm X Height) 597-7702-607F Red/Green GaAsP/GaP 621/569 12/15 2.0/2.1 130 1.1 20 11 Bi-Color 597-7722-607F Yellow/Green GaP/GaAsp 588/569 9/15 2.1/2.1 130 1.1 20 11 Bi-Color 598-8610-207F Red / Green AlInGaP 635 / 565 60 / 40 2 / 2 140 0.7 20 12 Bi-Color 598-8621-207F Red-Orange / Green AlInGaP / InGaN 625 / 525 100 / 220 2 / 3.2 140 0.7 20 12 Bi-Color 598-8631-207F Red-Orange / Green AlInGaP 625 / 568 110 /40 2 / 2 140 0.7 20 12 Bi-Color 598-8640-207F Yellow / Green AlInGaP 590 / 570 135 / 50 2 / 2 140 0.7 20 12 Bi-Color 598-8660-207F Yellow / Red AlInGaP 590 / 640 135 / 50 2 / 2.2 140 0.7 20 12 Bi-Color 598-8610-307F Red / Green / Blue AlInGaP 635 / 525 / 470 60 / 120 / 80 2 / 3.2 /3.2 140 0.7 20 13 Tri-Color 598-8920-307F Red-Orange / Green / Blue AlInGaP / InGaN / InGaN 625 / 525 / 470 120 / 150 / 60 2 / 3.2 / 3.2 140 0.7 20 13 Tri-Color 598-8940-307F Yellow / Green / Blue AlInGaP / InGaN / InGaN 590 / 525 / 475 110 / 220 / 90 2 / 3.2 / 3.2 140 0.7 20 13 Tri-Color 1210 Series Package with Reflector (3.0mm X 2.5mm X Height) 597-7701-507F Red/Green GaAsP/GaP 653/575 6.3 / 16 2.0/2.2 100 1.3 20 14 Bi-Color 597-7721-507F Yellow/Green GaAsP/GaP 589/575 6.3 / 21 2.1/2.2 100 1.3 20 14 Bi-Color 8 |
Similar Part No. - 591-3104-207 |
|
Similar Description - 591-3104-207 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |