Electronic Components Datasheet Search |
|
591-3004-113 Datasheet(PDF) 3 Page - Dialight Corporation |
|
591-3004-113 Datasheet(HTML) 3 Page - Dialight Corporation |
3 / 16 page Extended Lens Square Lens Round Lens 591 Series Prism ® CBI ® Single Level Surface Mount LED Color Field Operating Characteristics Color Code Color Material Feature Test Condition Vf Typ (Volts) Typ Luminous Intensity (mcd) Typ Dom Wavelength (nm) 20* Red GaAsP/GaP Hi. Efficiency If = 10mA 2.0 5.0 628 21 Red AlGaAs ----- If = 10mA 1.8 23.9 645 22 Green AlGaP Hi. Intensity If = 10mA 2.1 9.1 570 23* Green GaP ----- If = 10mA 2.0 4.0 570 24* Yellow GaAsP/GaP ----- If = 10mA 2.0 5.0 587 25* Orange GaAsP ----- If = 10mA 2.0 13.7 606 26 Blue InGaN ----- If = 20mA 3.5 6.0 465 27 Yellow AlInGaP ----- If = 10mA 2.0 33.6 587 28 White InGaN ----- If = 20mA 3.5 19.0 x .33 y .33 30 R/G GaAsP ----- If = 10mA 2.0/2.0 6.5/8.0 628/570 31 Y/G GaAsP/GaP ----- If = 10mA 2.0/2.0 6.5/8.0 586/570 32 R/Y AlGaP/AlGaP ----- If = 10mA 2.0/2.0 6.5/6.5 528/586 34 R/B AlInGaP/GaN ----- If = 20mA 1.9/3.9 30/5 626/470 35 R/G/B AlInGaP/InGaN ----- If = 20mA 2.6/4.5/2.6 10/5/16 645/466/570 36 O/G GaAsP/GaP ----- If = 10mA 2.0/2.0 5.5/8.5 606/570 Order Code 591- XX 0 X -X X X F Color Current Package Options Lens Type www.dialight.com Specifications 1 Current Current Code Current Type 1 Standard 4 Low Current 2 Lens Type Lens Code Lens Type 0 Round 1 Square 2 Extended Packaging Type Packaging Code Packaging 02 20 piece strip 07 7" Reel 13 13" Reel *Low current version only available in marked colors (*). See page 14 for details. .105+.010 [2,66+0,25] .240+.010 [6,1+0,25] Ø.112 TYP [2,85] .004 [0,1] MAX BELOW SURFACE A .120 [3,05] C OF LED L .007 [0,18] MAX ABOVE SURFACE A CATHODE ID LED LEAD SOLDERING SURFACE A .082+.010 .107+.005 .004 MAX BELOW SURFACE A .120 C OF LED L .007 MAX ABOVE SURFACE A CATHODE ID .240 REF LED LEAD SOLDERING SURFACE A LED LEAD SOLDERING SURFACE A Ø.112 max [2,84] HI TEMP LENS MATERIAL .004 MAX BELOW 0.10 SURFACE A .169 [4,3] .360 [9,14] .160 [4,06] .310+.005 [7,87+0,13] .170+.010 [4,32+0,25] .112+.05 [2,85+0,12] ,120 +,005 -,010 [3,05+0,13] - 0,25 SOLDER PLATED TYP .198+.010 [5,03+0,25] .198+.009 SOLDER PLATED TYP .170 REF .125 MAX .170 [4,32] .112+.005 [2,84+0,13] .150+.010 [3,81+0,25] .236 [5,99] .100 [2,54] .039 [0,99] 2Detail on page 14 1For pad layout please see page 13 RoHS Compliant 3 .007 MAX ABOVE SURFACE A |
Similar Part No. - 591-3004-113 |
|
Similar Description - 591-3004-113 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |