Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4T10A-A Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 4T10A-A
Description  TRIACs, 4A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4T10A-A Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  4T10A-A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4T10A-A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4T10A-A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4T10A-A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4T10A-A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4T10A-A Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4T10A-A Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.nellsemi.com
Page 2 of 7
I - II - III
IV
MAX.
10
10
mA
ALL
ALL
MAX.
I - III - IV
MAX.
mA
II
MIN.
R (2)
D
MAX.
IDRM
IRRM
V = V
D
DRM
MAX.
mA
Note 1: Minimum l
is guaranted at 5% of l
max.
GT
GT
Note 2: For both polarities of A2 referenced to A1.
QUADRANT
4Txxxx
V = 12 V, R = 30Ω
D
L
V = V
, R = 3.3KΩ,
D
DRM
L
T = 125°C
j
I = 200 mA
T
I = 1.2 I
G
GT
V = 67% V
, gate open, T = 125°C
D
DRM
j
(dI/dt)c = 1.7 A/ms, T = 125°C
j
1.3
0.2
V
V
mA
V/µs
10
15
25
10
2
Dynamic resistance
T = 125°C
j
T = 25°C
j
T = 125°C
j
100
5
1
µA
STATIC CHARACTERISTICS
UNIT
VALUE
UNIT
TEST CONDITIONS
TEST CONDITIONS
SYMBOL
SYMBOL
Standard (4 quadrants)
I
(1)
GT
VGT
VGD
(2)
IH
(2)
dV/dt
IL
(2)
(dV/dt)c
SEMICONDUCTOR
4T Series RoHS
RoHS
S
(T
ºC unless otherwise specified)
J= 25
ELECTRICAL CHARACTERISTICS
(T
ºC unless otherwise specified)
J= 25
ELECTRICAL CHARACTERISTICS
4Txxxx
Unit
I
(1)
GT
I - II - III
VGT
I - II - III
VGD
I - II - III
(2)
IH
MAX.
I - III
MAX.
mA
II
(2)
dV/dt
MIN.
(dI/dt)c(2)
MIN.
A/ms
-
IL
MAX.
MIN.
V = 12 V, R = 30Ω
D
L
V = V
, R = 3.3KΩ
D
DRM
L
T = 125°C
j
I = 200 mA
T
I = 1.2 I
G
GT
V = 67% V
gate open ,T = 125°C
D
DRM
j
,
(dV/dt)c = 0.1 V/µs
(dV/dt)c = 10 V/µs
Without snubber
T = 125°C
j
T = 125°C
j
T = 125°C
j
MAX.
05
10
10
15
20
1.8
0.9
10
1.3
0.2
15
25
30
40
2.7
2.0
-
mA
V
V
mA
V/µs
TEST CONDITIONS
QUADRANT
SYMBOL
TW
SW
-
-
35
35
50
60
400
2.5
CW
SNUBBERLESS and Logic level (3 quadrants)
T
5
5
10
5
15
5
0.5
D
5
10
10
10
20
5
10
25
25
25
40
50
A
VR = VRRM
1
5
STATIC CHARACTERISTICS
UNIT
VALUE
TEST CONDITIONS
SYMBOL
V
(2)
TO
MAX.
Threshold voltage
T = 125°C
j
0.85
V
V
(2)
TM
MAX.
I
= 5.5 A,
TM
t = 380 µs
P
T = 25°C
j
1.55
MIN.


Similar Description - 4T10A-A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com