Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLB0587G Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SLB0587G
Description  Dimmer IC for Halogen Lamps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLB0587G Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button SLB0587G Datasheet HTML 2Page - Siemens Semiconductor Group SLB0587G Datasheet HTML 3Page - Siemens Semiconductor Group SLB0587G Datasheet HTML 4Page - Siemens Semiconductor Group SLB0587G Datasheet HTML 5Page - Siemens Semiconductor Group SLB0587G Datasheet HTML 6Page - Siemens Semiconductor Group SLB0587G Datasheet HTML 7Page - Siemens Semiconductor Group SLB0587G Datasheet HTML 8Page - Siemens Semiconductor Group SLB0587G Datasheet HTML 9Page - Siemens Semiconductor Group SLB0587G Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Semiconductor Group
6
SLB 0587
Control Modes of Operation
Starts varying at min.
Starts varying at
pre-touch brightness
Reversed dimming
direction
C (Pin 2 at V DD)
OFF
Max.
Intermediate
Softstart to Max.
OFF
OFF
OFF
Max./Intermediate
Repeated dimming
Mode
Period of Touching the Sensor/Extension
Post-Touch
Status
Post-Touch
Status
Pre-Touch
Status
Short (60 to 400 ms)
Long (more than 400 ms)
Pre-Touch
Status
Softstart to stored
brightness
and varying
Starts varying at
pre-touch brightness
Reversed dimming
direction
B (Pin 2 open)
OFF
Max.
Intermediate
Softstart to
stored brightness
from last turn-OFF
OFF
OFF
OFF
Max./Intermediate
Repeated dimming
Starts varying at min.
Starts varying at
pre-touch brightness
Same dimming
direction
A (Pin 2 at V SS)
OFF
Max.
Intermediate
Softstart to Max.
OFF
OFF
OFF
Max./Intermediate
Repeated dimming
Figure 3
Control Behaviour of the 3 Operating Modes


Similar Part No. - SLB0587G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLB0587G SIEMENS-SLB0587G Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
More results

Similar Description - SLB0587G

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
   dimmer IC for halogen lamps
logo
Siemens Semiconductor G...
SLB587 SIEMENS-SLB587 Datasheet
391Kb / 22P
   DIMMER IC FOR HALOGEN LAMPS
SLB0586 SIEMENS-SLB0586 Datasheet
545Kb / 17P
   DIMMER IC
logo
LSI Computer Systems
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
   TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
HK612 ETC1-HK612 Datasheet
64Kb / 1P
   TOUCH DIMMER IC
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
   PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com