Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLX24C0816P Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # SLX24C0816P
Description  8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C0816P Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button SLX24C0816P Datasheet HTML 4Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 5Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 6Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 7Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 8Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 9Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 10Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 11Page - Siemens Semiconductor Group SLX24C0816P Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SLx 24C08/16/P
Semiconductor Group
8
1998-07-27
The conventions for the serial clock line and the bidirectional data line are shown in
figure 4.
Figure 4
I
2C-Bus Timing Conventions for START Condition, STOP Condition, Data Valida-
tion and Transfer of Acknowledge ACK
Standby
Mode in which the bus is not busy (no serial transmission, no
programming): both clock (SCL) and data line (SDA) are in high
state. The device enters the standby mode after a STOP condition
or after a programming cycle.
START Condition
High to low transition of SDA when SCL is high, preceding all
commands.
STOP Condition
Low to high transition of SDA when SCL is high, terminating all
communications. A STOP condition initiates an EEPROM
programming cycle. A STOP condition after reading a data byte
from the EEPROM initiates the Standby mode.
Acknowledge
A successful reception of eight data bits is indicated by the
receiver by pulling down the SDA line during the following clock
cycle of SCL (ACK). The transmitter on the other hand has to
release the SDA line after the transmission of eight data bits.
The EEPROM as the receiving device responds with an
acknowledge, when addressed. The master, on the other side,
acknowledges each data byte transmitted by the EEPROM and
can at any time end a read operation by releasing the SDA line (no
ACK) followed by a STOP condition.
Data Transfer
Data must change only during low SCL state, data remains valid
on the SDA bus during high SCL state. Nine clock pulses are
required to transfer one data byte, the most significant bit (MSB)
is transmitted first.
12
8
9
1
9
ACK
ACK
START Condition
Data allowed
STOP Condition
to Change
Acknowledge
SCL
SDA
IED02128


Similar Part No. - SLX24C0816P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - SLX24C0816P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
AT24C08C-STUM-T ATMEL-AT24C08C-STUM-T Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM 4-Kbit (512 x 8), 8-Kbit (1024 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com