Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ34Z100 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z100
Description  Wide Range Fuel Gauge with Impedance Track??Technology
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ34Z100 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ34Z100 Datasheet HTML 5Page - Texas Instruments BQ34Z100 Datasheet HTML 6Page - Texas Instruments BQ34Z100 Datasheet HTML 7Page - Texas Instruments BQ34Z100 Datasheet HTML 8Page - Texas Instruments BQ34Z100 Datasheet HTML 9Page - Texas Instruments BQ34Z100 Datasheet HTML 10Page - Texas Instruments BQ34Z100 Datasheet HTML 11Page - Texas Instruments BQ34Z100 Datasheet HTML 12Page - Texas Instruments BQ34Z100 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
bq34z100
www.ti.com
SLUSAU1 – MAY 2012
GENERAL DESCRIPTION
The bq34z100 accurately predicts the battery capacity and other operational characteristics of a single cell or
multiple rechargeable cells blocks, which are voltage balanced when resting. It supports various Li-Ion and
LiFePO4 chemistries. It can be interrogated by a host processor to provide cell information, such as Remaining
Capacity, Full Charge Capacity, and Average Current.
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Extended Commands set. Both sets of commands, indicated by the general format
Command(), are used to read and write information contained within the bq34z100 device’s control and status
registers, as well as its data flash locations. Commands are sent from host to gauge using the bq34z100 serial
communications engines, HDQ, and I2C, and can be executed during application development, pack
manufacture, or end-equipment operation.
Cell information is stored in the bq34z100 in non-volatile flash memory. Many of these data flash locations are
accessible during application development and pack manufacture. They cannot, generally, be accessed directly
during end-equipment operation. Access to these locations is achieved by either use of the bq34z100’s
companion evaluation software, through individual commands, or through a sequence of data-flash-access
commands. To access a desired data flash location, the correct data flash subclass and offset must be known.
The bq34z100 provides 32 bytes of user-programmable data flash memory. This data space is accessed through
a data flash interface. For specifics on accessing the data flash, refer to DATA FLASH INTERFACE.
The key to the bq34z100 device’s high-accuracy gas gauging prediction is Texas Instrument’s proprietary
Impedance Track algorithm. This algorithm uses voltage measurements, characteristics, and properties to create
state-of-charge predictions that can achieve accuracy with as little as 1% error across a wide variety of operating
conditions.
The bq34z100 measures charge/discharge activity by monitoring the voltage across a small-value series sense
resistor connected in the low side of the battery circuit. When an application’s load is applied, cell impedance is
measured by comparing its Open Circuit Voltage (OCV) with its measured voltage under loading conditions.
The bq34z100 can use an NTC thermistor (default is Semitec 103AT or Mitsubishi BN35-3H103FB-50) for
temperature measurement, or can also be configured to use its internal temperature sensor. The bq34z100 uses
temperature to monitor the battery-pack environment, which is used for fuel gauging and cell protection
functionality.
To minimize power consumption, the bq34z100 has three power modes: NORMAL, SLEEP, and FULL SLEEP.
The bq34z100 passes automatically between these modes, depending upon the occurrence of specific events.
Multiple modes are available for configuring from one to 16 LEDs as an indicator of remaining state of charge.
More than four LEDs require the use of one or two inexpensive SN74HC164 shift register expanders.
A SHA-1/HMAC-based battery pack authentication feature is also implemented on the bq34z100. When the IC is
in UNSEALED mode, authentication keys can be (re)assigned. Alternatively, keys can also be programmed
permanently in secure memory by Texas Instruments. A scratch pad area is used to receive challenge
information from a host and to export SHA-1/HMAC encrypted responses. See the AUTHENTICATION section
for further details.
NOTE
Formatting conventions in this document:
Commands: italics with parentheses and no breaking spaces, e.g. RemainingCapacity().
Data Flash: italics, bold, and breaking spaces, e.g. Design Capacity.
Register Bits and Flags: brackets only, e.g. [TDA] Data
Flash Bits: italic and bold, e.g. [LED1]
Modes and states: ALL CAPITALS, e.g. UNSEALED mode.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq34z100


Similar Part No. - BQ34Z100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
BQ34Z100PW-G1 TI1-BQ34Z100PW-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
BQ34Z100PWR-G1 TI1-BQ34Z100PWR-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
BQ34Z100PWR-R2 TI-BQ34Z100PWR-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
More results

Similar Description - BQ34Z100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
BQ34Z110 TI1-BQ34Z110 Datasheet
226Kb / 11P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com