Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4145 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4145
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS4145 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS4145 Datasheet HTML 7Page - Texas Instruments ADS4145 Datasheet HTML 8Page - Texas Instruments ADS4145 Datasheet HTML 9Page - Texas Instruments ADS4145 Datasheet HTML 10Page - Texas Instruments ADS4145 Datasheet HTML 11Page - Texas Instruments ADS4145 Datasheet HTML 12Page - Texas Instruments ADS4145 Datasheet HTML 13Page - Texas Instruments ADS4145 Datasheet HTML 14Page - Texas Instruments ADS4145 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
ADS4128
www.ti.com
SBAS578 – MAY 2012
Pin Assignments (CMOS Mode)
PIN NAME
PIN NUMBER
PINS
FUNCTION
DESCRIPTION
AGND
9, 12, 14, 17, 19, 25
6
I
Analog ground
AVDD
8, 18, 20, 22, 24, 26
6
I
1.8-V analog power supply
CLKM
11
1
I
Differential clock input, negative
CLKOUT
5
1
O
CMOS output clock
CLKP
10
1
I
Differential clock input, positive
D0
Refer to Figure 2
1
O
12-bit CMOS output data
D1
Refer to Figure 2
1
O
12-bit CMOS output data
D2
Refer to Figure 2
1
O
12-bit CMOS output data
D3
Refer to Figure 2
1
O
12-bit CMOS output data
D4
Refer to Figure 2
1
O
12-bit CMOS output data
D5
Refer to Figure 2
1
O
12-bit CMOS output data
D6
Refer to Figure 2
1
O
12-bit CMOS output data
D7
Refer to Figure 2
1
O
12-bit CMOS output data
D8
Refer to Figure 2
1
O
12-bit CMOS output data
D9
Refer to Figure 2
1
O
12-bit CMOS output data
D10
Refer to Figure 2
1
O
12-bit CMOS output data
D11
Refer to Figure 2
1
O
12-bit CMOS output data
Data format select input. This pin sets the DATA FORMAT (twos complement or offset
DFS
6
1
I
binary) and the LVDS and CMOS output interface type. See Table 8 for detailed
information.
DRGND
1, 36, PAD
2
I
Digital and output buffer ground
DRVDD
2, 35
2
I
1.8-V digital and output buffer supply
INP
15
1
I
Differential analog input, positive
INM
16
1
I
Differential analog input, negative
NC
Refer to Figure 2
5
Do not connect
Output buffer enable input, active high; this pin has an internal 180-k
Ω pull-up resistor to
OE
7
1
I
DRVDD.
This pin functions as an out-of-range indicator after reset when register bit
OVR_SDOUT
3
1
O
READOUT = 0, and functions as a serial register readout pin when READOUT = 1.
Serial interface RESET input.
When using the serial interface mode, the internal registers must initialize through
hardware RESET by applying a high pulse on this pin or by using the software reset
RESET
30
1
I
option; refer to the Serial Interface section.
When RESET is tied high, the internal registers are reset to the default values. In this
condition, SEN can be used as an analog control pin.
RESET has an internal 180-k
Ω pull-down resistor.
RESERVED
23
1
I
Digital control pin, reserved for future use
This pin functions as a serial interface clock input when RESET is low. When RESET is
SCLK
29
1
I
high, SCLK has no function and should be tied to ground.
This pin has an internal 180-k
Ω pull-down resistor.
This pin functions as a serial interface data input when RESET is low. When RESET is
SDATA
28
1
I
high, SDATA functions as a STANDBY control pin (see Table 10).
This pin has an internal 180-k
Ω pull-down resistor.
This pin functions as a serial interface enable input when RESET is low. When RESET
SEN
27
1
I
is high, SEN has no function and should be tied to AVDD.
This pin has an internal 180-k
Ω pull-up resistor to AVDD.
UNUSED
4
1
Unused pin in CMOS mode
Outputs the common-mode voltage (0.95 V) that can be used externally to bias the
VCM
13
1
O
analog input pins.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS4128


Similar Part No. - ADS4145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4145 TI1-ADS4145 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145 TI1-ADS4145 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4145 TI1-ADS4145 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4145IRGZ25 TI1-ADS4145IRGZ25 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
ADS4145IRGZ25 TI1-ADS4145IRGZ25 Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
More results

Similar Description - ADS4145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com