Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3050DBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ3050DBT
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3050DBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ3050DBT Datasheet HTML 5Page - Texas Instruments BQ3050DBT Datasheet HTML 6Page - Texas Instruments BQ3050DBT Datasheet HTML 7Page - Texas Instruments BQ3050DBT Datasheet HTML 8Page - Texas Instruments BQ3050DBT Datasheet HTML 9Page - Texas Instruments BQ3050DBT Datasheet HTML 10Page - Texas Instruments BQ3050DBT Datasheet HTML 11Page - Texas Instruments BQ3050DBT Datasheet HTML 12Page - Texas Instruments BQ3050DBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
bq3050
www.ti.com
SLUSA92A
– JANUARY 2011 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS: CHG, DSG FET Drive (continued)
Typical values stated where TA = 25
ºC and VCC = 14.4 V, Min/Max values stated where TA= –40ºC to 85ºC and VCC = 3.8 V
to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL= 4700 pF
RG= 5.1 kΩ
VCC
< 8.4
800
1400
μs
VDSG: VBAT to VBAT + 4 V
VCHG: VPACK to VPACK + 4 V
tr
Rise time
CL = 4700 pF
RG = 5.1 kΩ
VCC
> 8.4
200
500
μs
VDSG: VBAT to VBAT + 4 V
VCHG: VPACK to VPACK + 4 V
CL= 4700 pF
RG= 5.1 kΩ
VDSG: VBAT + VO(FETONDSG) to VBAT
tf
Fall time
80
200
μs
+ 1 V
VCHG: VPACK + VO(FETONCHG) to
VPACK + 1 V
ELECTRICAL CHARACTERISTICS: INTERNAL PRE-CHARGE LIMITING
Typical values stated where TA = 25
ºC and VCC = 14.4 V, Min/Max values stated where TA= –40ºC to 85ºC and VCC = 3.8 V
to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IPCHGMAX
Maximum Pre-charge current
3-cell and 4-cell configuration
100
mA
VDS(PRECHG) ≥ 1 V, VCC < 8.4 V
30
55
85
RPCHG_RDS
Internal Pre-charge FET RDSON
ON
VDS(PRECHG) ≥ 1 V, VCC ≥ 8.4 V
15
30
55
ELECTRICAL CHARACTERISTICS: GPOD
Typical values stated where TA = 25
ºC and VCC = 14.4 V, Min/Max values stated where TA= –40ºC to 85ºC and VCC = 3.8 V
to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPU_GPOD
GPOD Pull-Up Voltage
VCC
V
VOL_GPOD
GPOD Output Voltage Low
IOL = 1 mA
0.3
V
ELECTRICAL CHARACTERISTICS: FUSE
Typical values stated where TA = 25
ºC and VCC = 14.4 V, Min/Max values stated where TA= –40ºC to 85ºC and VCC = 3.8 V
to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 3.8 V to 9 V
2.4
8.5
V
VOH(FUSE)
High Level FUSE Output
VCC = 9 V to 25 V
7
8
9
V
2.8
V
VIH(FUSE)
Weak pull-up current in off state(1)
100
nA
CL = 1 nF, VCC = 9 V to 25 V,
tR(FUSE)
FUSE Output Rise Time
5
20
μs
VOH(FUSE) = 0 V to 5 V
ZO(FUSE)
FUSE Output Impedance
2
5
k
(1)
Verified by design. Not production tested.
Copyright
© 2011, Texas Instruments Incorporated
9


Similar Part No. - BQ3050DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055 Datasheet
914Kb / 27P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055DBT TI-BQ3055DBT Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055DBT TI1-BQ3055DBT Datasheet
1Mb / 38P
[Old version datasheet]   CEDV Gas Gauge and Battery Pack Manager
BQ3055DBTR TI-BQ3055DBTR Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results

Similar Description - BQ3050DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
[Old version datasheet]   2-Series to 7-Series Li-Ion Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
   2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
   3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240310 RENESAS-RAJ240310 Datasheet
3Mb / 65P
   3 to 10 Series Li-ion Battery Manager
May 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com