Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58B18 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58B18
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58B18 Datasheet(HTML) 2 Page - Texas Instruments

  ADS58B18 Datasheet HTML 1Page - Texas Instruments ADS58B18 Datasheet HTML 2Page - Texas Instruments ADS58B18 Datasheet HTML 3Page - Texas Instruments ADS58B18 Datasheet HTML 4Page - Texas Instruments ADS58B18 Datasheet HTML 5Page - Texas Instruments ADS58B18 Datasheet HTML 6Page - Texas Instruments ADS58B18 Datasheet HTML 7Page - Texas Instruments ADS58B18 Datasheet HTML 8Page - Texas Instruments ADS58B18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
ADS4128
SBAS578 – MAY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD AND
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN
(2)
BALL FINISH
MARKING
NUMBER
QUANTITY
ADS4128IRGZR
Tape and Reel, 2500
GREEN (RoHS, no
ADS4128
QFN-48
RGZ
–40°C to +85°C
Cu and NiPdAu
AZ4128
Sb/Br)
ADS4128IRGZT
Tape and Reel, 250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
The ADS4128 is pin-compatible with the previous generation ADS6149 family; this architecture enables easy
migration. However, there are some important differences between the generations, as summarized in Table 1.
Table 1. MIGRATING FROM THE ADS6149 FAMILY
ADS6149 FAMILY
ADS4149 FAMILY (Includes ADS4128)
PINS
Pin 21 is NC (not connected)
Pin 21 is NC (not connected)
Pin 23 is MODE
Pin 23 is RESERVED in the ADS4128. It is reserved as a digital control pin for an (as yet) undefined
function in the next-generation ADC series.
SUPPLY
AVDD is 3.3 V
AVDD is 1.8 V
DRVDD is 1.8 V
No change
INPUT COMMON-MODE VOLTAGE
VCM is 1.5 V
VCM is 0.95 V
SERIAL INTERFACE
Protocol: 8-bit register address and 8-bit register
No change in protocol
data
New serial register map
EXTERNAL REFERENCE MODE
Supported
Not supported
ADS61B49 FAMILY
ADS41B49 AND ADS58B18 FAMILY
PINS
Pin 21 is NC (not connected)
Pin 21 is 3.3-V AVDD_BUF (supply for the analog input buffers)
Pin 23 is a digital control pin for the RESERVED function.
Pin 23 is MODE
Pin 23 functions as SNR Boost enable (B18 only).
SUPPLY
AVDD is 3.3 V
AVDD is 1.8 V, AVDD_BUF is 3.3 V
DRVDD is 1.8 V
No change
INPUT COMMON-MODE VOLTAGE
VCM is 1.5 V
VCM is 1.7 V
SERIAL INTERFACE
Protocol: 8-bit register address and 8-bit register
No change in protocol
data
New serial register map
EXTERNAL REFERENCE MODE
Supported
Not supported
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ADS4128


Similar Part No. - ADS58B18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58B18 TI-ADS58B18 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS58B18 TI1-ADS58B18 Datasheet
1Mb / 68P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18 TI-ADS58B18 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS58B18 TI1-ADS58B18 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
ADS58B18IRGZR TI1-ADS58B18IRGZR Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
More results

Similar Description - ADS58B18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com