Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24167 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24167
Description  2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24167 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24167 Datasheet HTML 1Page - Texas Instruments BQ24167 Datasheet HTML 2Page - Texas Instruments BQ24167 Datasheet HTML 3Page - Texas Instruments BQ24167 Datasheet HTML 4Page - Texas Instruments BQ24167 Datasheet HTML 5Page - Texas Instruments BQ24167 Datasheet HTML 6Page - Texas Instruments BQ24167 Datasheet HTML 7Page - Texas Instruments BQ24167 Datasheet HTML 8Page - Texas Instruments BQ24167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
bq24165
bq24166
bq24167
www.ti.com
SLUSAP4A – DECEMBER 2011 – REVISED MARCH 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE/UNITS
Pin voltage range (with respect to PGND)
IN, USB
–2 V to 20 V
PMIDI, PMIDU, BOOT
–0.3 V to 20 V
SW
–0.7 V to 12V
ISET, ILIM, SCL, SYS, BAT, BGATE, DRV, PG, CHG, VDPM, IUSB_,
–0.3 V to 7 V
CE_,TS
BOOT to SW
–0.3 V to 7 V
Output current (Continuous)
SW
4.5 A
SYS, BAT
3.5 A
Input current (Continuous)
IN
2.75 A
USB
1.75 A
Output sink current
PG, CHG
10 mA
Operating free-air temperature range
–40°C to 85°C
Junction temperature, TJ
–40°C to 125°C
Storage temperature, TSTG
–65°C to 150°C
Lead temperature (soldering, 10 s)
300°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
THERMAL INFORMATION
bq2416x
THERMAL METRIC(1)
UNITS
49 PINS (YFF)
24 PINS (RGE)
θJA
Junction-to-ambient thermal resistance
49.8
32.6
θJCtop
Junction-to-case (top) thermal resistance
0.2
30.5
θJB
Junction-to-board thermal resistance
1.1
3.3
°C/W
ψJT
Junction-to-top characterization parameter
1.1
0.4
ψJB
Junction-to-board characterization parameter
6.6
9.3
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
2.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNITS
VIN
IN voltage range
4.2
18(1)
V
IN operating voltage range
4.2
10
VUSB
USB voltage range
4.2
18(1)
V
USB operating range
4.2
6
IIN
Input current, IN input
2.5
A
IUSB
Input current USB input
1.5
A
ISYS
Ouput current from SW, DC
3
A
IBAT
Charging
2.5
A
Discharging, using internal battery FET
2.5
A
TJ
Operating junction temperature range
0
125
°C
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BOOT or SW pins. A tight
layout minimizes switching noise.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24165 bq24166 bq24167


Similar Part No. - BQ24167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24167 TI1-BQ24167 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
More results

Similar Description - BQ24167

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
   Switch-Mode Single Cell Li-Ion Battery Charger
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com