Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24153AYFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24153AYFFT
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24153AYFFT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24153AYFFT Datasheet HTML 1Page - Texas Instruments BQ24153AYFFT Datasheet HTML 2Page - Texas Instruments BQ24153AYFFT Datasheet HTML 3Page - Texas Instruments BQ24153AYFFT Datasheet HTML 4Page - Texas Instruments BQ24153AYFFT Datasheet HTML 5Page - Texas Instruments BQ24153AYFFT Datasheet HTML 6Page - Texas Instruments BQ24153AYFFT Datasheet HTML 7Page - Texas Instruments BQ24153AYFFT Datasheet HTML 8Page - Texas Instruments BQ24153AYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
+
PACK–
CVREF
PACK+
VBAT
CO1
22 µF
CO2
33 µF
L
1 µH
O
VSNS
10 nF
CIN
4.7
µF
CBOOT
BOOT
PGND
CSIN
CSOUT
SW
SDA
U1
bq24153A/8
HOST
PMID
SCL
CD
STAT
STAT
CD
OTG
OTG
SDA
SCL
VBUS
VAUX
10 k
10 k
10 k
10 k
10 k
CSIN
CIN
CSOUT
0.1 µF
0.1 µF
1 µF
1 µF
VBUS
VREF
bq24153A, bq24156A
bq24158, bq24159
www.ti.com
SLUSAB0A
– OCTOBER 2010 – REVISED FEBRUARY 2012
Fully Integrated Switch-Mode One-Cell Li-Ion Charger
With Full USB Compliance and USB-OTG Support
Check for Samples: bq24153A, bq24156A, bq24158, bq24159
1
FEATURES
23
Charge Faster than Linear Chargers
Synchronous Fixed-Frequency PWM
Controller Operating at 3 MHz With 0% to
High-Accuracy Voltage and Current Regulation
99.5% Duty Cycle
– Input Current Regulation Accuracy: ±5%
Automatic High Impedance Mode for Low
(100 mA and 500 mA)
Power Consumption
– Charge Voltage Regulation Accuracy:
Robust Protection
±0.5% (25°C), ±1% (0°C to 125°C)
– Reverse Leakage Protection Prevents
– Charge Current Regulation Accuracy: ±5%
Battery Drainage
Input Voltage Based Dynamic Power
– Thermal Regulation and Protection
Management (VIN DPM)
– Input/Output Overvoltage Protection
Bad Adaptor Detection and Rejection
Status Output for Charging and Faults
Safety Limit Register for Maximum Charge
Voltage and Current Limiting
USB Friendly Boot-Up Sequence
High-Efficiency Mini-USB/AC Battery Charger
Automatic Charging
for Single-Cell Li-Ion and Li-Polymer Battery
Power Up System without Battery bq24158/9
Packs
Boost Mode Operation for USB OTG:
20-V Absolute Maximum Input Voltage Rating
(bq24153A/8 only)
9-V Maximum Operating Input
– Input Voltage Range (from Battery): 2.5 V to
Voltage-bq24156A/9
4.5 V
6-V Maximum Operating Input
– Output for VBUS: 5.05 V/ 200 mA
Voltage-bq24153A/8
2.1 mm x 2 mm 20-Pin WCSP Package
Built-In Input Current Sensing and Limiting
Integrated Power FETs for Up To 1.5-A Charge
APPLICATIONS
Rate-bq24156A/9, 1.25A-bq24153A/8
Mobile and Smart Phones
Programmable Charge Parameters through
MP3 Players
I2C
™ Compatible Interface (up to 3.4 Mbps):
Handheld Devices
– Input Current Limit
Figure 1. Typical Application Circuit
– VIN DPM Threshold
– Fast-Charge/Termination Current
– Charge Regulation Voltage (3.5 V to 4.44 V)
– Low Charge Current Mode Enable/Disable
– Safety Timer with Reset Control
– Termination Enable/Disable
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
3
I2C is a trademark of NXP B.V. Corporation.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2010–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24153AYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153AYFFT TI1-BQ24153AYFFT Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24153AYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24185 TI-BQ24185 Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24153A TI-BQ24153A Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
   Switch-Mode Single Cell Li-Ion Charger
logo
Texas Instruments
BQ24180 TI-BQ24180 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24185YFFR TI-BQ24185YFFR Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and Accessory Power Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com