Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27520-G3 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ27520-G3
Description  System-Side Impedance Track??Fuel Gauge With Integrated LDO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27520-G3 Datasheet(HTML) 4 Page - Texas Instruments

  BQ27520-G3 Datasheet HTML 1Page - Texas Instruments BQ27520-G3 Datasheet HTML 2Page - Texas Instruments BQ27520-G3 Datasheet HTML 3Page - Texas Instruments BQ27520-G3 Datasheet HTML 4Page - Texas Instruments BQ27520-G3 Datasheet HTML 5Page - Texas Instruments BQ27520-G3 Datasheet HTML 6Page - Texas Instruments BQ27520-G3 Datasheet HTML 7Page - Texas Instruments BQ27520-G3 Datasheet HTML 8Page - Texas Instruments BQ27520-G3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
bq27520-G3
SLUSAP0 –DECEMBER 2011
www.ti.com
Table 2-1. PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
Analog input pin connected to the internal coulomb counter with a Kelvin connection where SRP is nearest the
SRP
A1
IA
PACK– connection. Connect to 5-mΩ to 20-mΩ sense resistor.
Analog input pin connected to the internal coulomb counter with a Kelvin connection where SRN is nearest the Vss
SRN
B1
IA
connection. Connect to 5-mΩ to 20-mΩ sense resistor.
VSS
C1, C2
P
Device ground
VCC
D1
P
Regulator output and bq27520-G3 processor power. Decouple with 1μF ceramic capacitor to Vss.
REGIN
E1
P
Regulator input. Decouple with 0.1μF ceramic capacitor to Vss.
SOC_INT
A2
O
SOC state interrupts output. Generates a pulse under the conditions specified by Table 5-6. Open drain output.
Battery-good indicator. Active-low by default, though polarity can be configured through the [BATG_POL] bit of
BAT_GD
B2
O
Operation Configuration
. Push-pull output.
CE
D2
I
Chip Enable. Internal LDO is disconnected from REGIN when driven low.
BAT
E2
I
Cell-voltage measurement input. ADC input. Recommend 4.8V maximum for conversion accuracy.
Slave I2C serial communications clock input line for communication with system (Master). Open-drain I/O. Use with
SCL
A3
I
10kΩ pull-up resistor (typical).
Slave I2C serial communications data line for communication with system (Master). Open-drain I/O. Use with 10kΩ
SDA
B3
I/O
pull-up resistor (typical).
Battery Low output indicator. Active high by default, though polarity can be configured through the [BATL_POL] bit of
BAT_LOW
C3
O
Operation Configuration
. Push-pull output.
TS
D3
IA
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input.
Battery-insertion detection input. Power pin for pack thermistor network. Thermistor-multiplexer control pin. Use with
BI/TOUT
E3
I/O
pull-up resistor >1MΩ (1.8 MΩ typical).
4
DEVICE INFORMATION
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :bq27520-G3


Similar Part No. - BQ27520-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI1-BQ27520-G3 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
More results

Similar Description - BQ27520-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com