Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27520-G3 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ27520-G3
Description  System-Side Impedance Track??Fuel Gauge With Integrated LDO
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27520-G3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ27520-G3 Datasheet HTML 6Page - Texas Instruments BQ27520-G3 Datasheet HTML 7Page - Texas Instruments BQ27520-G3 Datasheet HTML 8Page - Texas Instruments BQ27520-G3 Datasheet HTML 9Page - Texas Instruments BQ27520-G3 Datasheet HTML 10Page - Texas Instruments BQ27520-G3 Datasheet HTML 11Page - Texas Instruments BQ27520-G3 Datasheet HTML 12Page - Texas Instruments BQ27520-G3 Datasheet HTML 13Page - Texas Instruments BQ27520-G3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
bq27520-G3
SLUSAP0 –DECEMBER 2011
www.ti.com
4.1
DATA COMMANDS
4.1.1
STANDARD DATA COMMANDS
Thebq27520-G3 uses a series of 2-byte standard commands to enable system reading and writing of
battery information. Each standard command has an associated command-code pair, as indicated in
Table 4-1. Because each command consists of two bytes of data, two consecutive I2C transmissions must
be executed both to initiate the command function, and to read or write the corresponding two bytes of
data. Additional options for transferring data, such as spooling, are described in Section of
Communication
. Standard commands are accessible in NORMAL operation. Read/Write permissions
depend on the active access mode, SEALED or UNSEALED (for details on the SEALED and UNSEALED
states, see Section 4.4 , Access Modes.)
Table 4-1. Standard Commands
SEALED
NAME
COMMAND CODE
UNITS
ACCESS
Control( )
CNTL
0x00 / 0x01
N/A
R/W
AtRate( )
AR
0x02 / 0x03
mA
R/W
AtRateTimeToEmpty( )
ARTTE
0x04 / 0x05
Minutes
R
Temperature( )
TEMP
0x06 / 0x07
0.1 K
R/W
Voltage( )
VOLT
0x08 / 0x09
mV
R
Flags( )
FLAGS
0x0a / 0x0b
N/A
R
NominalAvailableCapacity( )
NAC
0x0c / 0x0d
mAh
R
FullAvailableCapacity( )
FAC
0x0e / 0x0f
mAh
R
RemainingCapacity( )
RM
0x10 / 0x11
mAh
R
FullChargeCapacity( )
FCC
0x12 / 0x13
mAh
R
AverageCurrent( )
AI
0x14 / 0x15
mA
R
TimeToEmpty( )
TTE
0x16 / 0x17
Minutes
R
TimeToFull( )
TTF
0x18 / 0x19
Minutes
R
StandbyCurrent( )
SI
0x1a / 0x1b
mA
R
StandbyTimeToEmpty( )
STTE
0x1c / 0x1d
Minutes
R
MaxLoadCurrent( )
MLI
0x1e / 0x1f
mA
R
MaxLoadTimeToEmpty( )
MLTTE
0x20 / 0x21
Minutes
R
AvailableEnergy( )
AE
0x22 / 0x23
mWh
R
AveragePower( )
AP
0x24 / 0x25
mW
R
TTEatConstantPower( )
TTECP
0x26 / 0x27
Minutes
R
StateOfHealth( )
SOH
0x28 / 0x29
% / num
R
CycleCount( )
CC
0x2A / 0x2B
num
R
StateOfCharge( )
SOC
0x2c / 0x2d
%
R
NormalizedImpedanceCal( )
NIC
0x2e / 0x2f
mohm
R
InstantaneousCurrent Reading( )
ICR
0x30 / 0x31
mA
R
DataLogindex( )
DLI
0x32 / 0x33
N/A
R
DataLogBuffer( )
DLB
0x34 / 0x35
mA
R
InternalTemperature( )
ITEMP
0x36 / 0x37
0.1 K
R
OperationConfiguration( )
OPCFG
0x3A / 0x3B
N/A
R
10
GENERAL DESCRIPTION
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :bq27520-G3


Similar Part No. - BQ27520-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI1-BQ27520-G3 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
More results

Similar Description - BQ27520-G3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com