Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ77908ADBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ77908ADBT
Description  Multi-Cell Lithium-Ion/Polymer Precision Protector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ77908ADBT Datasheet(HTML) 2 Page - Texas Instruments

  BQ77908ADBT Datasheet HTML 1Page - Texas Instruments BQ77908ADBT Datasheet HTML 2Page - Texas Instruments BQ77908ADBT Datasheet HTML 3Page - Texas Instruments BQ77908ADBT Datasheet HTML 4Page - Texas Instruments BQ77908ADBT Datasheet HTML 5Page - Texas Instruments BQ77908ADBT Datasheet HTML 6Page - Texas Instruments BQ77908ADBT Datasheet HTML 7Page - Texas Instruments BQ77908ADBT Datasheet HTML 8Page - Texas Instruments BQ77908ADBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
bq77908A
SLUSAV5
– FEBRUARY 2012
www.ti.com
PIN DETAILS
PIN FUNCTIONS (38-Pin Package)
PIN
DESCRIPTION
NAME
NO.
BAT
31
Power supply voltage, tied to highest cell(+)
CCAP
20
Energy storage capacitor for charge FET drive
CHG
21
Charge FET (n-channel) gate drive
CHGST
14
Charger-status input, used to detect charger connection/wakeup
CPCKN
19
Pack
– charger negative terminal (charger return)
DCAP
16
Energy storage capacitor for discharge FET drive
DPCKN
18
Pack
– discharge negative terminal (load return)
DSG
17
Discharge FET (n-channel) gate drive
EEPROM
28
EEPROM programming voltage input. Connect to VSS for normal operation.
GND
23, 24, 25
Logic ground (not for power return or analog reference). Tie to VSS.
2, 4, 30, 32,
NC
No connect (DO NOT CONNECT) externally. Failure to leave NC pins open can cause faulty operation.
33, 35, 37
SCLK
27
Serial-communication clock input used for EEPROM programming
SDATA
26
Serial-communication data input/output used for EEPROM programming (open-drain)
SENSE(+)
10
Current-sense input
SENSE(
–)
9
Current-sense input
TS
13
Temperature sensing input
VC1
34
Sense-voltage input terminal for most-positive cell
VC2
36
Sense-voltage input terminal for second-most-positive cell
VC3
38
Sense-voltage input terminal for third-most-positive cell
VC4
1
Sense-voltage input terminal for fourth-most-positive cell
VC5
3
Sense-voltage input terminal for fifth-most-positive cell
VC6
5
Sense-voltage input terminal for sixth-most-positive cell
VC7
6
Sense-voltage input terminal for seventh-most-positive cell
VC8
7
Sense-voltage input terminal for eighthmost-positive (most-negative) cell
VC9
8
Most-negative cell(
–) terminal (BAT–)
VREG
12
Integrated 3.3-V regulator output
VSS1
29
Analog ground (substrate reference)
VSS2
11
Analog ground (substrate reference)
VTSB
15
Thermistor bias supply (sourced from VREG)
Zero Delay test mode pin. Enables serial communications interface and minimizes protection delay times
ZEDE
22
when connected to logic high. Connect to VSS for normal operation. A strong connection is
recommended.
2
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): bq77908A


Similar Part No. - BQ77908ADBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77908 TI1-BQ77908 Datasheet
870Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
BQ77908DBT TI1-BQ77908DBT Datasheet
870Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
BQ77908DBTR TI1-BQ77908DBTR Datasheet
870Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
More results

Similar Description - BQ77908ADBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ77910A TI1-BQ77910A Datasheet
941Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910ADBT TI1-BQ77910ADBT Datasheet
856Kb / 52P
[Old version datasheet]   Multi-Cell Lithium-Ion/Polymer Precision Protector
BQ77910 TI1-BQ77910 Datasheet
843Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
BQ77908 TI1-BQ77908 Datasheet
870Kb / 56P
[Old version datasheet]   Stand-Alone Multi-Cell Lithium-Ion/Polymer Precision Protectors
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
HY2111 HYCON-HY2111 Datasheet
665Kb / 20P
   1-Cell Lithium-ion/Lithium Polymer
HY2110 HYCON-HY2110 Datasheet
709Kb / 19P
   1-Cell Lithium-ion/Lithium Polymer
logo
Neotec Semiconductor Lt...
NT1727A NEOTEC-NT1727A Datasheet
323Kb / 4P
   2-Cell Lithium-lon/Polymer Protector
V1.01
NT1728A NEOTEC-NT1728A Datasheet
340Kb / 4P
   3-Cell Lithium-lon/Polymer Protector
V1.00
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com