Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294604 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ294604
Description  Single-Cell Protector for Li-Ion Batteries
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294604 Datasheet(HTML) 5 Page - Texas Instruments

  BQ294604 Datasheet HTML 1Page - Texas Instruments BQ294604 Datasheet HTML 2Page - Texas Instruments BQ294604 Datasheet HTML 3Page - Texas Instruments BQ294604 Datasheet HTML 4Page - Texas Instruments BQ294604 Datasheet HTML 5Page - Texas Instruments BQ294604 Datasheet HTML 6Page - Texas Instruments BQ294604 Datasheet HTML 7Page - Texas Instruments BQ294604 Datasheet HTML 8Page - Texas Instruments BQ294604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
bq294602, bq294604
www.ti.com
SLUSAS0B – DECEMBER 2011 – REVISED MARCH 2012
DC CHARACTERISTICS
Typical values stated where TA = 25°C and VDD = 4 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 4 V
(unless otherwise noted).
Test
Symbol
Parameter
Condition
Min
Typ
Max
Unit
#
Voltage Protection Threshold VCx
1.0
bq294602, fixed delay 4 s, V1 > VOV
4.35
V
1.1
bq294604, fixed delay 6.5 s, V1 > VOV
4.35
V
V(PROTECT)
1.2
VOV
Overvoltage
bq294622, fixed delay 4 s, V1 > VOV
(1)
4.45
V
Detection
1.3
bq294624, fixed delay 6.5 s, V1 > VOV
(1)
4.45
V
1.4
bq294682, fixed delay 4 s, V1 > VOV
(1)
4.225
V
1.5
bq294684, fixed delay 6.5 s, V1 > VOV
(1)
4.225
V
Overvoltage
1.6
VHYS
Detection
250
300
400
V
Hysteresis
OV Detection
1.7
VOA
TA = 25°C
–10
10
mV
Accuracy
TA = –40°C
–40
44
mV
OV Detection
TA = 0°C
–20
20
mV
1.8
VOA –DRIFT
Accuracy due to
TA = 60°C
–24
24
mV
Temperature
TA = 110°C
–54
54
mV
Supp ly and Leakage Current
(V1–VSS) = 4.0 V (See Figure 9 for reference)
1
2
1.9
ICC
Supply Current
µA
(V1–VSS) = 2.8 V with TA = –40°C to 60°C
1.25
Measured at V1 = 4.0 V
Input Current at
1.10
IIN
(V1–VSS) = 4.0 V
–0.1
0.1
µA
V1 Pins
TA = 0°C to 60°C (See Figure 9 for reference.)
Output Drive OUT
1.11
(V1–VSS) > VOV
3.0
VDD - 0.3
V
VDD = V1, IOH = 100 µA, TA = –40°C to 110°C
1.12
Output Drive
VOUT
Voltage
(V1–VSS) < VOV, IOL = 100 µA, TA = 25°C
1.13
250
400
mV
TA = –40°C to 110°C
OUT Short
1.14
IOUT(Short)
OUT = 0 V, (V1–VSS) > VOV
1.5
3.0
mA
Circuit Current
Output Rise
1.15
tR
CL = 1 nF, VOH(OUT) = 0 V to 5 V
(2)
5
µs
Time
Output
1.16
ZO
2
5
k
Impedance
Fixed Delay Timer
Fixed Delay, bq2946x2
3.2
4
4.8
Fault Detection
1.17
tDELAY
s
Delay Time
Fixed Delay, bq2946x4
5.2
6.5
7.8
Fault Detection
1.18
tDELAY_CTM
Delay Time in
Fixed delay (Internal settings)
15
ms
Test Mode
(1)
Product Preview only
(2)
Specified by design. Not 100% tested in production.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq294602 bq294604


Similar Part No. - BQ294604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294604 TI1-BQ294604 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
bq294604 TI1-bq294604 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294604DRVR TI1-BQ294604DRVR Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294604DRVR TI1-BQ294604DRVR Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294604DRVT TI1-BQ294604DRVT Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results

Similar Description - BQ294604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Eutech Microelectronics...
EUP9261 EUTECH-EUP9261 Datasheet
445Kb / 23P
   LI-ION/POLYMER ONE CELL PROTECTOR
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com