Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24163RGET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24163RGET
Description  2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24163RGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24163RGET Datasheet HTML 6Page - Texas Instruments BQ24163RGET Datasheet HTML 7Page - Texas Instruments BQ24163RGET Datasheet HTML 8Page - Texas Instruments BQ24163RGET Datasheet HTML 9Page - Texas Instruments BQ24163RGET Datasheet HTML 10Page - Texas Instruments BQ24163RGET Datasheet HTML 11Page - Texas Instruments BQ24163RGET Datasheet HTML 12Page - Texas Instruments BQ24163RGET Datasheet HTML 13Page - Texas Instruments BQ24163RGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
bq24160, bq24161
bq24163, bq24168
SLUSAO0A – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
PIN FUNCTIONS
PIN NO.
PIN NO.
PIN
bq24160/3
bq24161/8
I/O
DESCRIPTION
NAME
YFF
RGE
YFF
RGE
BAT
G1-G4
11, 12
G1-G4
11, 12
I/O
Battery Connection – Connect to the positive terminal of the battery. Additionally,
bypass BAT to GND with at least a 1
μF capacitor.
BGATE
F5
10
F5
10
O
External Discharge MOSFET Gate Connection – BGATE drives an external P-
Channel MOSFET to provide a very low-resistance discharge path. Connect BGATE
to the gate of the external MOSFET. BGATE is low during high impedance mode
and when no input is connected.
BOOT
E7
19
E7
19
I
High Side MOSFET Gate Driver Supply – Connect a 0.01µF ceramic capacitor
(voltage rating > 10V) from BOOT to SW to supply the gate drive for the high side
MOSFETs.
CD
E4
24
E4
24
I
IC Hardware Disable Input – Drive CD high to place the bq2416x in high-z mode.
Drive CD low for normal operation. Do not leave CD unconnected.
D+
E2
2
I
D+ and D– Connections for USB Input Adapter Detection – When a charge cycle
is initiated by the USB input, and a short is detected between D+ and D–, the USB
D–
E3
1
I
input current limit is set to 1.5A. If a short is not detected, the USB100 mode is
selected. The D+/D– detection has no effect on the IN input.
DRV
F7
6
F7
6
O
Gate Drive Supply – DRV is the bias supply for the gate drive of the internal
MOSFETs. Bypass DRV to PGND with a 1
μF ceramic capacitor. DRV may be used
to drive external loads up to 10mA. DRV is active whenever the input is connected
and VSUPPLY > VUVLO and VSUPPLY > (VBAT + VSLP)
IN
A1- A4
21
A1- A4
21
I
Input power supply – IN is connected to the external DC supply (AC adapter or
alternate power source). Bypass IN to PGND with at least a 1
μF ceramic capacitor.
INT
F6
7
F6
7
O
Status Output – INT is an open-drain output that signals charging status and fault
interrupts. INT pulls low during charging. INT is high impedance when charging is
complete or the charger is disabled. When a fault occurs, a 128
μs pulse is sent out
as an interrupt for the host. INT is enabled/disabled using the EN_STAT bit in the
control register. Connect INT to a logic rail through a 100k
Ω resistor to communicate
with the host processor.
PGND
D1-D7,
5, 15,
D1-D7,
5, 15,
Ground terminal – Connect to the thermal pad (for QFN only) and the ground plane
of the circuit.
E1, G7
16, 17
E1, G7
16, 17
PMIDI
B1-B4
20
B1-B4
20
O
Reverse Blocking MOSFET and High Side MOSFET Connection Point for High
Power Input – Bypass PMIDI to GND with at least a 4.7
μF ceramic capacitor. Use
caution when connecting an external load to PMIDI. The PMIDI output is not current
limited. Any short on PMIDI will damage the IC.
PMIDU
B5-B7
23
B5-B7
23
O
Reverse Blocking MOSFET and High Side MOSFET Connection Point for USB
Input – Bypass PMIDU to GND with at least a 4.7
μF ceramic capacitor. Use caution
when connecting an external load to PMIDU. The PMIDU output is not current
limited. Any short on PMIDU will damage the IC.
PSEL
E2
2
USB Source Detection Input – Drive PSEL high to indicate that a USB source is
connected to the USB input. When PSEL is high, the IC starts up with a 100mA
input current limit for USB. Drive PSEL low to indicate that an AC Adapter is
connected to the USB input. When PSEL is low, the IC starts up with a 1.5A input
current limit for USB. PSEL has no effect on the IN input. Do not leave PSEL
unconnected.
SCL
E6
3
E6
3
I
I2C Interface Clock – Connect SCL to the logic rail through a 10k
Ω resistor.
SDA
E5
4
E5
4
I/O
I2C Interface Data – Connect SDA to the logic rail through a 10k
Ω resistor.
STAT
G6
8
G6
8
O
Status Output – STAT is an open-drain output that signals charging status and fault
interrupts. STAT pulls low during charging. STAT is high impedance when charging
is complete or the charger is disabled. When a fault occurs, a 128
μs pulse is sent
out as an interrupt for the host. STAT is enabled /disabled using the EN_STAT bit in
the control register. Pull STAT up to a logic rail thruogh an LED for visual indication
or through a 10k
Ω resistor to communicate with the host processor.
SW
C1-C7
18
C1-C7
18
O
Inductor Connection – Connect to the switched side of the external inductor.
SYS
F1-F4
13, 14
F1-F4
13,14
I
System Voltage Sense and Charger FET Connection – Connect SYS to the
system output at the output bulk capacitors. Bypass SYS locally with at least 10
μF.
A 47
μF bypass capacitor is recommended for optimal transient response.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): bq24160 bq24161 bq24163 bq24168


Similar Part No. - BQ24163RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24163RGET TI1-BQ24163RGET Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24163RGET TI-BQ24163RGET Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24163RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com