Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168YFFT
Description  2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24168YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24168YFFT Datasheet HTML 5Page - Texas Instruments BQ24168YFFT Datasheet HTML 6Page - Texas Instruments BQ24168YFFT Datasheet HTML 7Page - Texas Instruments BQ24168YFFT Datasheet HTML 8Page - Texas Instruments BQ24168YFFT Datasheet HTML 9Page - Texas Instruments BQ24168YFFT Datasheet HTML 10Page - Texas Instruments BQ24168YFFT Datasheet HTML 11Page - Texas Instruments BQ24168YFFT Datasheet HTML 12Page - Texas Instruments BQ24168YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
5
4
3
6
SDA
PGND
bq24160
bq24163
DRV
D-
13
14
15
16
2
1
2
1
D+
SCL
17
18
5
4
3
6
SDA
GND
bq24161
bq24168
SYS
PGND
PGND
DRV
N.C.
13
14
15
16
SYS
2
1
2
1
PSEL
SCL
SW
17
18
SGND
SYS
PGND
PGND
SYS
SW
SGND
USB
USB
USB
IN
PMIDU
PMIDU
PMIDU
PMIDI
SW
SW
SW
SW
PGND
PGND
PGND
SW
SDA
PGND
BOOT
CD
IN
PMIDI
PGND
D-
SCL
1
2
3
4
5
A
B
C
D
E
IN
SW
D+
PMIDI
PGND
6
BGATE
DRV
SYS
SYS
INT
F
SYS
IN
SW
PGND
PMIDI
PGND
SYS
TS
PGND
BAT
BAT
STAT
BAT
BAT
G
7
USB
USB
USB
IN
PMIDU
PMIDU
PMIDU
PMIDI
SW
SW
SW
SW
PGND
PGND
PGND
SW
SDA
PGND
BOOT
CD
IN
PMIDI
PGND
N.C.
SCL
1
2
3
4
5
A
B
C
D
E
IN
SW
PSEL
PMIDI
PGND
6
BGATE
DRV
SYS
SYS
INT
F
SYS
IN
SW
PGND
PMIDI
PGND
SYS
TS
PGND
BAT
BAT
STAT
BAT
BAT
G
7
bq24160/3
(Top View)
bq24161/8
(Top View)
bq24160, bq24161
bq24163, bq24168
www.ti.com
SLUSAO0A – NOVEMBER 2011 – REVISED MARCH 2012
PIN CONFIGURATION
Figure 1. 24-Pin QFN (RGE)
Figure 2. 49-Ball 2.8mm x 2.8mm WCSP (YFF)
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq24160 bq24161 bq24163 bq24168


Similar Part No. - BQ24168YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168YFFT TI1-BQ24168YFFT Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24168YFFT TI-BQ24168YFFT Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com