Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24168RGET Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24168RGET
Description  2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24168RGET Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24168RGET Datasheet HTML 4Page - Texas Instruments BQ24168RGET Datasheet HTML 5Page - Texas Instruments BQ24168RGET Datasheet HTML 6Page - Texas Instruments BQ24168RGET Datasheet HTML 7Page - Texas Instruments BQ24168RGET Datasheet HTML 8Page - Texas Instruments BQ24168RGET Datasheet HTML 9Page - Texas Instruments BQ24168RGET Datasheet HTML 10Page - Texas Instruments BQ24168RGET Datasheet HTML 11Page - Texas Instruments BQ24168RGET Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
USB
SW
BOOT
DRV
SYS
BAT
V
MINSYS
BGATE
STAT
CD
VDRV
TS COLD
TS HOT
TS WARM
TS COOL
1C/0.5C
DISABLE
V
Comparator
SYSREG
PMIDU
DC-DC CONVERTER
PWM LOGIC,
COMPENSATION
AND
BATTERY FET CONTROL
V
– 0.14V
BATREG
5.2-V Reference
V
BATSHRT
V
BATOVP
V
Comparator
BATSC
V
BAT
V
BAT
V
BAT
V
USB
V
USB
V
IN
V
IN
V
USBOVP
V
+
BAT
V
SLP
V
+
BAT
V
SLP
V
INOVP
Termination Comparator
CHARGE
CONTROLLER
with Timers (160/1/3)
PMIDI
IN
V
SUPPLY
SUPPLY_SEL
V
– 0.12V
BATREG
Recharge Comparator
V
BAT
V
SYS
Enable Linear
Charge
PGND
Q4
Q3
Q2
Q1
IN I
INLIM
CbC Current
Limit
INT
References
Enable
I
BATSHRT
Supplement Comparator
V
BSUP
V
SYS
Hi-Z Mode
Sleep Comparators
V
BAT
Good Battery
Circuit
5A
IN V
INDPM
USB I
USBLIM
USB V
INDPM
V
SYS(REG)
I
BAT(REG)
V
BAT(REG)
DIE Temp
Regulation
I
BAT
V
BATGD
Start Recharge
Cycle
DISABLE
OVP Comparators
V
Comparator
BOVP
Hi-Z Mode
SDA
SCL
TS
I C
Interface
2
PSEL
1.5A/USB100
Termination
Reference
bq24160/2/3
D+
D–
USB
Adapter
Detection
Circuitry
bq24160/3
bq24161/8
bq24160, bq24161
bq24163, bq24168
SLUSAO0A – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
BLOCK DIAGRAM
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): bq24160 bq24161 bq24163 bq24168


Similar Part No. - BQ24168RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24168RGET TI1-BQ24168RGET Datasheet
2Mb / 52P
[Old version datasheet]   Single-Cell Switched-Mode Li-Ion Battery Charger
BQ24168RGET TI-BQ24168RGET Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results

Similar Description - BQ24168RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
[Old version datasheet]   1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24273 TI1-BQ24273 Datasheet
681Kb / 27P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Integrated Current Sense
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
   Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
[Old version datasheet]   bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com