Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294522DRVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294522DRVR
Description  Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294522DRVR Datasheet(HTML) 1 Page - Texas Instruments

  BQ294522DRVR Datasheet HTML 1Page - Texas Instruments BQ294522DRVR Datasheet HTML 2Page - Texas Instruments BQ294522DRVR Datasheet HTML 3Page - Texas Instruments BQ294522DRVR Datasheet HTML 4Page - Texas Instruments BQ294522DRVR Datasheet HTML 5Page - Texas Instruments BQ294522DRVR Datasheet HTML 6Page - Texas Instruments BQ294522DRVR Datasheet HTML 7Page - Texas Instruments BQ294522DRVR Datasheet HTML 8Page - Texas Instruments BQ294522DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DRV Package
(Top View)
1
2
3
4
5
6
OUT
VDD
V1
V3
V2
VSS
PWR PAD
bq294502, bq294504, bq294512, bq294515
bq294522, bq294524, bq294532, bq294562
bq294572, bq294582, bq294592
www.ti.com
SLUSAJ3C – SEPTEMBER 2011 – REVISED MAY 2012
Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
Check for
Samples: bq294502, bq294504, bq294512, bq294515, bq294522, bq294524, bq294532, bq294562, bq294572, bq294582, bq294592
1
FEATURES
Low Power Consumption ICC ≈ 1 µA
(VCELL(ALL) < VPROTECT)
2-Series and 3-Series Cell Monitor for
Low leakage current per cell input < 100 nA
Secondary Protection
Small package footprint
Fixed Programmable Delay Timer
6-pin SON
Fixed OVP Threshold:
bq294502 = 4.35 V with 4-s Delay Timer
APPLICATIONS
bq294504 = 4.35 V with 6.5-s Delay Timer
2nd-Level Protection in Li-Ion Battery Packs in:
bq294512 = 4.40 V with 4-s Delay Timer
Tablets
bq294515 = 4.425 V with 4-s Delay Timer
Slates
bq294522 = 4.45 V with 4-s Delay Timer
Power Tools
bq294524 = 4.45 V with 6.5-s Delay Timer
Notebook Computers
bq294532 = 4.50 V with 4-s Delay Timer
Portable Equipment and Instrumentation
bq294562 = 4.25 V with 4-s Delay Timer
bq294572 = 4.00 V with 4-s Delay Timer
bq294582 = 4.225 V with 4-s Delay Timer
bq294584 = 4.225 V with 6.5-s Delay Timer
bq294592 = 4.30 V with 4-s Delay Timer
High-Accuracy Overvoltage Protection:
± 10 mV
DESCRIPTION
The bq2945xy family of products is a secondary level voltage monitor and protector for Li-Ion battery pack
systems. Each cell is monitored independently for an overvoltage condition. Based on the configuration, an
output is triggered after a fixed delay if any one of the two or three cells has an overvoltage condition. This output
will be triggered into a high state after an overvoltage condition has satisfied the specified delay timer.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ294522DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294522DRVR TI1-BQ294522DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294522DRVR TI-BQ294522DRVR Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294522DRVR TI-BQ294522DRVR Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
More results

Similar Description - BQ294522DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com