Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294524DRVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294524DRVR
Description  Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294524DRVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ294524DRVR Datasheet HTML 4Page - Texas Instruments BQ294524DRVR Datasheet HTML 5Page - Texas Instruments BQ294524DRVR Datasheet HTML 6Page - Texas Instruments BQ294524DRVR Datasheet HTML 7Page - Texas Instruments BQ294524DRVR Datasheet HTML 8Page - Texas Instruments BQ294524DRVR Datasheet HTML 9Page - Texas Instruments BQ294524DRVR Datasheet HTML 10Page - Texas Instruments BQ294524DRVR Datasheet HTML 11Page - Texas Instruments BQ294524DRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
100
VCELL1
VCELL3
VCELL2
OUT
VDD
VSS
0. 1 µF
0.1µF
0.1µF
0.1µF
1k
1k
1k
bq2945xy
Pack +
Pack –
V3
V2
V1
PWRPAD
100
VCELL1
VCELL2
OUT
VDD
VSS
0.1
0.1µF
1k
1k
bq2945xy
Pack +
Pack –
V3
V2
V1
PWRPAD
µF
0.1µF
VCELL1
VCELL3
VCELL2
OUT
VDD
VSS
RIN
bq2945xy
Pack +
Pack–
V3
V2
V1
RIN
RIN
CIN
CIN
CIN
CVD
RVD
PWRPAD
bq294502, bq294504, bq294512, bq294515
bq294522, bq294524, bq294532, bq294562
bq294572, bq294582, bq294592
SLUSAJ3C – SEPTEMBER 2011 – REVISED MAY 2012
www.ti.com
APPLICATION INFORMATION
Figure 7. Application Configuration
Changes to the ranges stated in Table 1 will impact the accuracy of the cell measurements. Figure 7 shows each
external component.
Table 1. Parameters
PARAMETER
External Component
MIN
NOM
MAX
UNIT
Voltage monitor filter resistance
RIN
900
1000
1100
Ω
Voltage monitor filter capacitance
CIN
0.01
0.1
µF
Supply voltage filter resistance
RVD
100
1K
Ω
Supply voltage filter capacitance
CVD
0.1
µF
APPLICATION SCHEMATIC
Figure 8. 3-Series Cell Configuration with Fixed
Figure 9. 2-Series Cell Configuration with Internal
Delay
Fixed Delay
CUSTOMER TEST MODE
Customer Test Mode (CTM) helps to reduce test time for checking the overvoltage delay timer parameter once
the circuit is implemented in the battery pack. To enter CTM, VDD should be set to at least 10 V higher than V3
(see Figure 10). The delay timer is greater than 10 ms, but considerably shorter than the timer delay in normal
operation. To exit Customer Test Mode, remove the VDD to VC3 voltage differential of 10 V so that the decrease
in this value automatically causes an exit.
CAUTION
Avoid exceeding any Absolute Maximum Voltages on any pins when placing the part
into Customer Test Mode. Also avoid exceeding Absolute Maximum Voltages for the
individual cell voltages (V3–V2), (V2–V1), and (V1–VSS). Stressing the pins beyond
the rated limits may cause permanent damage to the device.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): bq294502 bq294504 bq294512 bq294515 bq294522 bq294524 bq294532 bq294562
bq294572 bq294582 bq294592


Similar Part No. - BQ294524DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294524DRVR TI1-BQ294524DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294524DRVR TI-BQ294524DRVR Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294524DRVR TI-BQ294524DRVR Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
More results

Similar Description - BQ294524DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com