Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294532DRVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294532DRVR
Description  Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ294532DRVR Datasheet(HTML) 4 Page - Texas Instruments

  BQ294532DRVR Datasheet HTML 1Page - Texas Instruments BQ294532DRVR Datasheet HTML 2Page - Texas Instruments BQ294532DRVR Datasheet HTML 3Page - Texas Instruments BQ294532DRVR Datasheet HTML 4Page - Texas Instruments BQ294532DRVR Datasheet HTML 5Page - Texas Instruments BQ294532DRVR Datasheet HTML 6Page - Texas Instruments BQ294532DRVR Datasheet HTML 7Page - Texas Instruments BQ294532DRVR Datasheet HTML 8Page - Texas Instruments BQ294532DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OUT
V3
V1
V2
VSS
VDD
R VD
CVD
RIN
RIN
RIN
CIN
CIN
CIN
VOV
OSC
Delay
Timer
PACK+
PACK–
INT_EN
REG
PWRPAD
bq294502, bq294504, bq294512, bq294515
bq294522, bq294524, bq294532, bq294562
bq294572, bq294582, bq294592
SLUSAJ3C – SEPTEMBER 2011 – REVISED MAY 2012
www.ti.com
Thermal Pad, PWRPAD
For correct operation, the power pad (PWRPAD) is connected to the VSS terminal on the printed circuit board.
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
CONDITION
VALUE/UNIT
Supply voltage range
VDD–VSS
–0.3 to 30 V
V1–VSS or V2–VSS or V3–VSS
–0.3 to 30 V
Input voltage range
V3–V2 or V2–V1
–0.3 to 8 V
Output voltage range
OUT–VSS
–0.3 to 30 V
Continuous total power dissipation, PTOT
See package dissipation rating.
Functional temperature
–65 to 110°C
Storage temperature range, TSTG
–65 to 150°C
Lead temperature (soldering, 10 s), TSOLDER
300°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VDD
(1)
3
25
V
Input voltage range
V3–V2 or V2–V1 or V1–VSS
0
5
V
Operating ambient temperature range, TA
–40
110
°C
(1)
See APPLICATION SCHEMATIC.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): bq294502 bq294504 bq294512 bq294515 bq294522 bq294524 bq294532 bq294562
bq294572 bq294582 bq294592


Similar Part No. - BQ294532DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294532DRVR TI1-BQ294532DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294532DRVR TI-BQ294532DRVR Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294532DRVR TI-BQ294532DRVR Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
More results

Similar Description - BQ294532DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com