Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1654 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1654
Description  Low Noise and Distortion, General-Purpose, FET-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1654 Datasheet(HTML) 4 Page - Texas Instruments

  OPA1654 Datasheet HTML 1Page - Texas Instruments OPA1654 Datasheet HTML 2Page - Texas Instruments OPA1654 Datasheet HTML 3Page - Texas Instruments OPA1654 Datasheet HTML 4Page - Texas Instruments OPA1654 Datasheet HTML 5Page - Texas Instruments OPA1654 Datasheet HTML 6Page - Texas Instruments OPA1654 Datasheet HTML 7Page - Texas Instruments OPA1654 Datasheet HTML 8Page - Texas Instruments OPA1654 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
OPA1652
OPA1654
SBOS477
– DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±15 V (continued)
At TA = +25°C, RL = 2 kΩ, and VCM = VOUT = midsupply, unless otherwise noted.
OPA1652, OPA1654
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE
Specified range
–40
+85
°C
Operating range
–55
+125
°C
THERMAL INFORMATION: OPA1652
OPA1652
THERMAL METRIC(1)
D (SO)
DGK (MSOP)
UNITS
8 PINS
8 PINS
θJA
Junction-to-ambient thermal resistance
143.6
218.9
θJCtop
Junction-to-case (top) thermal resistance
76.9
78.6
θJB
Junction-to-board thermal resistance
61.8
103.7
°C/W
ψJT
Junction-to-top characterization parameter
27.8
14.6
ψJB
Junction-to-board characterization parameter
61.3
101.8
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION: OPA1654
OPA1654
THERMAL METRIC(1)
D (SO)
PW (TSSOP)
UNITS
14 PINS
14 PINS
θJA
Junction-to-ambient thermal resistance
90.1
126.9
θJCtop
Junction-to-case (top) thermal resistance
54.8
46.6
θJB
Junction-to-board thermal resistance
44.4
58.6
°C/W
ψJT
Junction-to-top characterization parameter
19.9
5.5
ψJB
Junction-to-board characterization parameter
44.2
57.8
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA1652 OPA1654


Similar Part No. - OPA1654

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1654 TI1-OPA1654 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
OPA1654AID TI1-OPA1654AID Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
OPA1654AIDR TI1-OPA1654AIDR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
OPA1654AIPW TI1-OPA1654AIPW Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
OPA1654AIPWR TI1-OPA1654AIPWR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
More results

Similar Description - OPA1654

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com