Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP114ZJA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP114ZJA
Description  14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP114ZJA Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVCP114ZJA Datasheet HTML 5Page - Texas Instruments SN65LVCP114ZJA Datasheet HTML 6Page - Texas Instruments SN65LVCP114ZJA Datasheet HTML 7Page - Texas Instruments SN65LVCP114ZJA Datasheet HTML 8Page - Texas Instruments SN65LVCP114ZJA Datasheet HTML 9Page - Texas Instruments SN65LVCP114ZJA Datasheet HTML 10Page - Texas Instruments SN65LVCP114ZJA Datasheet HTML 11Page - Texas Instruments SN65LVCP114ZJA Datasheet HTML 12Page - Texas Instruments SN65LVCP114ZJA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SN65LVCP114
www.ti.com
SLLSEA8
– JANUARY 2012
ELECTRICAL CHARACTERISTICS (VCC 2.5 V ±5%)
over operating conditions range. All parameters are referenced to package pins (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION
Device power dissipation,
Ports A, B, and C in loopback mode with all 12 channels
PDL
1800
2300
mW
loopback mode
active. VOD = LOW
Device power dissipation, normal
Device configured in mux-demux mode with 8 channels active.
PDN
1400
1800
mW
mode
VOD = LOW
Device power dissipation, lanes
All 4 lanes disabled. See the I2C section for device
PDOFF
50
mW
disabled
configuration.
All 12 channels active, VOD = LOW, FAST_SW = HIGH.
Device power dissipation,
PDSTB
1800
2300
mW
standby
See the I2C section for device configuration.
ELECTRICAL CHARACTERISTICS (VCC 3.3 V ±5%)
over operating conditions range. All parameters are referenced to package pins (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION
Device power dissipation,
Ports A, B, and C in loopback mode with all 12 channels
PDL
2500
3150
mW
loopback mode
active. VOD = LOW
Device power dissipation, normal
Device configured in mux-demux mode with 8 channels active.
PDN
1800
2500
mW
mode
VOD = LOW
Device power dissipation, lanes
All 4 lanes disabled. See the I2C section for device
PDOFF
50
mW
disabled
configuration.
All 12 channels active, VOD = LOW, FAST_SW = HIGH.
Device power dissipation,
PDSTB
2500
3150
mW
standby
See I2C section for device configuration.
ELECTRICAL CHARACTERISTICS (VCC 3.3 V ±5%, 2.5 V ±5%)
over operating conditions range. All parameters are referenced to package pins (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
(1)
MAX
UNIT
CMOS DC SPECIFICATIONS
IIH
High-level input current
VIN = 0.9 × VCC
80
µA
IIL
Low-level input current
VIN = 0.1 × VCC
-80
µA
CML INPUTS (AINP[3:0], AINN[3:0], BINP[3:0], BINN[3:0], CINP[3:0], CINN[3:0])
rIN
Differential input resistance
INx_P to INx_N
100
Ω
VINPP
Input linear dynamic range
Gain = 0.5
1200
mVpp
VICM
Common-mode input voltage
Internally biased
VCC – 0.3
V
SCD11
Input differential to common-mode conversion
100 MHz to 7.1GHz
–25
dB
SDD11
Differential input return loss
100 MHz to 7.1GHz
–10
dB
CML OUTPUTS (AOUTP[3:0], AOUTN[3:0], BOUTP[3:0], BOUTN[3:0], COUTP[3:0], COUTN[3:0])
RL = 100 Ω, VOD = High
1200
VOD
Output linear dynamic range
mVPP
RL = 100 Ω, VOD = Low
600
VOS
Output offset voltage
RL = 100 Ω, 0 V applied at inputs
20
mVPP
K28.5 pattern at 14.2 Gbps,
VCM,RIP
Common-mode output ripple
10
20
mVRMS
no interconnect loss, VOD = HIGH
K28.5 pattern at 14.2Gbps, no interconnect loss,
VOD,RIP
Differential path output ripple
20
mVPP
VIN = 1200 mVpp. Outputs squelched.
VOCM
Output common mode voltage
See Figure 4
VCC – 0.35
V
Change in steady-state common-mode output
VOC(SS)
±10
mV
voltage between logic states
tPLH
Low-to-high propagation delay
200
ps
See Figure 5
tPHL
High-to-low propagation delay
200
ps
tSK(O)
Inter-pair output skew
(2)
All outputs terminated with 100
Ω. See Figure 7
50
ps
(1)
All typical values are at 25
°C and with 2.5-V and 3.3-V supply, unless otherwise noted.
(2)
tSK(O) is the magnitude of the time difference between the channels within a Port. For more information, see SN65LVCP114 Guidelines
for Skew Compensation, SLLA323.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :SN65LVCP114


Similar Part No. - SN65LVCP114ZJA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP1412 TI-SN65LVCP1412 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
SN65LVCP1412RLHR TI-SN65LVCP1412RLHR Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
SN65LVCP1412RLHT TI-SN65LVCP1412RLHT Datasheet
1Mb / 26P
[Old version datasheet]   14.2-GBPS Dual Channel, Dual Mode Linear Equalizer
SN65LVCP1414 TI1-SN65LVCP1414 Datasheet
1Mb / 26P
[Old version datasheet]   14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
SN65LVCP1414RLJR TI1-SN65LVCP1414RLJR Datasheet
1Mb / 26P
[Old version datasheet]   14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
More results

Similar Description - SN65LVCP114ZJA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
[Old version datasheet]   SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
[Old version datasheet]   USB Type-C 5 Gbps Redriver 2:1 MUX
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
[Old version datasheet]   DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
[Old version datasheet]   4.25-Gbps 2:1/1:2 CML MUX/Buffer
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Texas Instruments
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com