Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1654AIPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1654AIPW
Description  Low Noise and Distortion, General-Purpose, FET-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1654AIPW Datasheet(HTML) 2 Page - Texas Instruments

  OPA1654AIPW Datasheet HTML 1Page - Texas Instruments OPA1654AIPW Datasheet HTML 2Page - Texas Instruments OPA1654AIPW Datasheet HTML 3Page - Texas Instruments OPA1654AIPW Datasheet HTML 4Page - Texas Instruments OPA1654AIPW Datasheet HTML 5Page - Texas Instruments OPA1654AIPW Datasheet HTML 6Page - Texas Instruments OPA1654AIPW Datasheet HTML 7Page - Texas Instruments OPA1654AIPW Datasheet HTML 8Page - Texas Instruments OPA1654AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
A
B
OutA
-
InA
+InA
V+
+InB
-
InB
OutB
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
A
B
C
OutD
-
InD
+InD
V
-
+InC
-
InC
OutC
OPA1652
OPA1654
SBOS477
– DECEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SO-8
D
OP1652
OPA1652
MSOP-8
DGK
OUPI
SO-14
D
OP1654
OPA1654
TSSOP-14
PW
OP1654
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
OPA1652, OPA1654
UNIT
Supply Voltage
VS = (V+) – (V–)
40
V
Input Voltage
(V
–) – 0.5 to (V+) + 0.5
V
Input Current (All pins except power-supply pins)
±10
mA
Output Short-Circuit(2)
Continuous
Operating Temperature
–55 to +125
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
200
°C
Human Body Model (HBM)
2
kV
ESD Ratings
Charged Device Model (CDM)
1
kV
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Short-circuit to VS/2 (ground in symmetrical dual supply setups), one amplifier per package.
PIN CONFIGURATIONS
OPA1652: D AND DGK PACKAGES
OPA1654: D AND PW PACAKGES
SO-8 AND MSOP-8
SO-14 AND TSSOP-14
(TOP VIEW)
(TOP VIEW)
2
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA1652 OPA1654


Similar Part No. - OPA1654AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1654AIPW TI1-OPA1654AIPW Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
OPA1654AIPWR TI1-OPA1654AIPWR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
More results

Similar Description - OPA1654AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com