Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1654AIPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1654AIPWR
Description  Low Noise and Distortion, General-Purpose, FET-Input
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1654AIPWR Datasheet(HTML) 1 Page - Texas Instruments

  OPA1654AIPWR Datasheet HTML 1Page - Texas Instruments OPA1654AIPWR Datasheet HTML 2Page - Texas Instruments OPA1654AIPWR Datasheet HTML 3Page - Texas Instruments OPA1654AIPWR Datasheet HTML 4Page - Texas Instruments OPA1654AIPWR Datasheet HTML 5Page - Texas Instruments OPA1654AIPWR Datasheet HTML 6Page - Texas Instruments OPA1654AIPWR Datasheet HTML 7Page - Texas Instruments OPA1654AIPWR Datasheet HTML 8Page - Texas Instruments OPA1654AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Burr-BrownAudio
OPA1652
OPA1654
www.ti.com
SBOS477
– DECEMBER 2011
™ Low Noise and Distortion, General-Purpose, FET-Input
AUDIO OPERATIONAL AMPLIFIERS
Check for Samples: OPA1652, OPA1654
1
FEATURES
DESCRIPTION
The OPA1652 (dual) and OPA1654 (quad) FET-input
234
Low Noise: 4.5 nV/
√Hz at 1 kHz
operational amplifiers achieve a low 4.5 nV/
√Hz noise
Low Distortion: 0.00005% at 1 kHz
density with an ultralow distortion of 0.00005% at 1
Low Quiescent Current:
kHz. The OPA1652 and OPA1654 op amps offer
2 mA Per Channel
rail-to-rail output swing to within 800 mV with 2-k
load, which increases headroom and maximizes
Low Input Bias Current: 10 pA
dynamic range. These devices also have a high
Slew Rate: 10 V/
μs
output drive capability of
±30 mA.
Wide Gain Bandwidth: 18 MHz (G = +1)
These devices operate over a very wide supply range
Unity Gain Stable
of
±2.25 V to ±18 V, or +4.5 V to +36 V, on only 2 mA
Rail-to-Rail Output
of supply current per channel. The OPA1652 and
OPA1654 op amps are unity-gain stable and provide
Wide Supply Range:
excellent dynamic behavior over a wide range of load
±2.25 V to ±18 V, or +4.5 V to +36 V
conditions.
Dual and Quad Versions Available
These devices also feature completely independent
Small Package Sizes:
circuitry for lowest crosstalk and freedom from
DUAL: SO-8 and MSOP-8
interactions between channels, even when overdriven
QUAD: SO-14 and TSSOP-14
or overloaded.
The OPA1652 and OPA1654 temperature ranges are
APPLICATIONS
specified from
–40°C to +85°C. SoundPlus™
Analog and Digital Mixers
Audio Effects Processors
Musical Instruments
A/V Receivers
DVD and Blu-Ray
™ Players
Car Audio Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SoundPlus is a trademark of Texas Instruments Incorporated.
3
Blu-Ray is a trademark of Blu-Ray Disc Association.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA1654AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1654AIPWR TI1-OPA1654AIPWR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
More results

Similar Description - OPA1654AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com