Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA4311A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA4311A
Description  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA4311A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA4311A Datasheet HTML 2Page - Texas Instruments TCA4311A Datasheet HTML 3Page - Texas Instruments TCA4311A Datasheet HTML 4Page - Texas Instruments TCA4311A Datasheet HTML 5Page - Texas Instruments TCA4311A Datasheet HTML 6Page - Texas Instruments TCA4311A Datasheet HTML 7Page - Texas Instruments TCA4311A Datasheet HTML 8Page - Texas Instruments TCA4311A Datasheet HTML 9Page - Texas Instruments TCA4311A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TCA4311A
SCPS226 – JANUARY 2011
www.ti.com
OPERATION
Start-Up
When the TCA4311A first receives power on its VCC pin, either during power-up or during live insertion, it starts
in an undervoltage lockout (UVLO) state, ignoring any activity on the SDA and SCL pins until VCC rises above
2.5 V.
During this time, the 1 V precharge circuitry is also active and forces 1 V through 100-k
Ω nominal resistors to the
SDA and SCL pins. Because the I/O card is being plugged into a live backplane, the voltage on the backplane
SDA and SCL busses may be anywhere between 0 V and VCC. Precharging the SCL and SDA pins to 1 V
minimizes the worst-case voltage differential these pins will see at the moment of connection, therefore
minimizing the amount of disturbance caused by the I/O card.
Once the TCA4311A comes out of UVLO, it assumes that SDAIN and SCLIN have been inserted into a live
system and that SDAOUT and SCLOUT are being powered up at the same time as itself. Therefore, it looks for
either a stop bit or bus idle condition on the backplane side to indicate the completion of a data transaction.
When either one occurs, the part also verifies that both the SDAOUT and SCLOUT voltages are high. When all
of these conditions are met, the input-to-output connection circuitry is activated, joining the SDA and SCL busses
on the I/O card with those on the backplane, and the rise time accelerators are enabled.
Connection Circuitry
Once the connection circuitry is activated, the functionality of the SDAIN and SDAOUT pins is identical. A low
forced on either pin at any time results in both pin voltages being low. For proper operation, logic low input
voltages should be no higher than 0.4 V with respect to the ground pin voltage of the TCA4311A. SDAIN and
SDAOUT enter a logic high state only when all devices on both SDAIN and SDAOUT release high. The same is
true for SCLIN and SCLOUT. This important feature ensures that clock stretching, clock synchronization,
arbitration and the acknowledge protocol always work, regardless of how the devices in the system are tied to
the TCA4311A.
Another key feature of the connection circuitry is that it provides bidirectional buffering, keeping the backplane
and card capacitances isolated. Because of this isolation, the waveforms on the backplane busses look slightly
different than the corresponding card bus waveforms, as described here.
Input to Output Offset Voltage
When a logic low voltage, VLOW1, is driven on any of the TCA4311A's data or clock pins, the TCA4311A
regulates the voltage on the other side of the chip (call it VLOW2) to a slightly higher voltage, as directed by the
following equation:
VLOW2 = VLOW1 + 75 mV + (VCC/R) × 100
where R is the bus pullup resistance in ohms (
Ω). For example, if a device is forcing SDAOUT to 10 mV where
VCC = 3.3 V and the pullup resistor R on SDAIN is 10 kΩ, then the voltage on SDAIN = 10 + 75 + (3.3/10000) ×
100 = 118 mV. See the Typical Performance Characteristics section for curves showing the offset voltage as a
function of VCC and R.
Propagation Delays
During a rising edge, the rise-time on each side is determined by the combined pullup current of the TCA4311A
boost current and the bus resistor and the equivalent capacitance on the line. If the pullup currents are the same,
a difference in rise-time occurs which is directly proportional to the difference in capacitance between the two
sides. This effect is displayed in Figure 1 for VCC = 3.3 V and a 10-kΩ pullup resistor on each side (50 pF on one
side and 150 pF on the other). Since the output side has less capacitance than the input, it rises faster and the
effective tPLH is negative.
There is a finite propagation delay, tPHL, through the connection circuitry for falling waveforms. Figure 2 shows
the falling edge waveforms for the same VCC, pullup resistors and equivalent capacitance conditions as used in
Figure 1. An external NMOS device pulls down the voltage on the side with 150 pF capacitance; the TCA4311A
pulls down the voltage on the opposite side, with a delay of 55 ns. This delay is always positive and is a function
of supply voltage, temperature and the pullup resistors and equivalent bus capacitances on both sides of the
bus. The Typical Performance Characteristics section shows tPHL as a function of temperature and voltage for
6
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TCA4311A


Similar Part No. - TCA4311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311 TI-TCA4311 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DG4 TI-TCA4311DG4 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Similar Description - TCA4311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com