Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA4311ADR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TCA4311ADR
Description  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA4311ADR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA4311ADR Datasheet HTML 7Page - Texas Instruments TCA4311ADR Datasheet HTML 8Page - Texas Instruments TCA4311ADR Datasheet HTML 9Page - Texas Instruments TCA4311ADR Datasheet HTML 10Page - Texas Instruments TCA4311ADR Datasheet HTML 11Page - Texas Instruments TCA4311ADR Datasheet HTML 12Page - Texas Instruments TCA4311ADR Datasheet HTML 13Page - Texas Instruments TCA4311ADR Datasheet HTML 14Page - Texas Instruments TCA4311ADR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Pulse
Generator
D.U.T.
VCC
VCC
VI
VO
RT
R
10 k
L
C
100 pF
L
SDAn/SCLn
ENABLE
READY
ten
tdis
tidle(READY)
SCLIN
SCLOUT
SDAOUT
SDAIN
ENABLE
READY
ten
tstp(READY)
TCA4311A
www.ti.com
SCPS226 – JANUARY 2011
PARAMETER MEASUREMENT INFORMATION
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to the output impedance Z0 of the pulse generators.
Figure 8. Test Circuitry for Switching Times
Figure 9. Timing for ten, tidle(READY), and tdis
Figure 10. tstp(READY) That Can Occur After ten
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TCA4311A


Similar Part No. - TCA4311ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311 TI-TCA4311 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DG4 TI-TCA4311DG4 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Similar Description - TCA4311ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com