Electronic Components Datasheet Search |
|
THS4121 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
THS4121 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 54 page THS4531 www.ti.com SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012 ELECTRICAL CHARACTERISTICS: VS = 5 V (continued) Test conditions at TA = +25°C, VS+ = 5 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP, RF = 2 kΩ, RL = 2 kΩ differential, G = 1 V/V, single-ended input, differential output, and input and output referenced to mid-supply, unless otherwise noted. TEST PARAMETER CONDITIONS MIN TYP MAX UNITS LEVEL(1) DC PERFORMANCE Open-loop voltage gain (AOL) 100 114 dB A TA = +25°C ±200 ±1000 A TA = 0°C to +70°C ±1405 Input-referred offset voltage µV TA = –40°C to +85°C ±1650 B TA = –40°C to +125°C ±2000 TA = 0°C to +70°C ±1.7 ±9 Input offset voltage drift(2) TA = –40°C to +85°C ±2 ±10 µV/°C B TA = –40°C to +125°C ±2 ±10 TA = +25°C 160 210 A TA = 0°C to +70°C 222 Input bias current nA TA = –40°C to +85°C 223 B TA = –40°C to +125°C 235 TA = 0°C to +70°C 0.04 0.25 Input bias current drift(2) TA = –40°C to +85°C 0.04 0.25 nA/°C B TA = –40°C to +125°C 0.04 0.25 TA = +25°C ±5 ±50 A TA = 0°C to +70°C ±59 Input offset current nA TA = –40°C to +85°C ±60 B TA = –40°C to +125°C ±75 TA = 0°C to +70°C ±0.05 ±0.2 Input offset current drift(2) TA = –40°C to +85°C ±0.05 ±0.2 nA/°C B TA = –40°C to +125°C ±0.05 ±0.2 INPUT TA = +25°C, CMRR > 87 dB VS– – 0.2 VS– A Common-mode input: low V TA = –40°C to +125°C, CMRR > 87 dB VS– – 0.2 VS– B TA = +25°C, CMRR > 87 dB VS+ – 1.2 VS+ –1.1 A Common-mode input: high V TA = –40°C to +125°C, CMRR > 87 dB VS+ – 1.2 VS+ –1.1 B Common-mode rejection ratio 90 116 dB A Input impedance common-mode 200 || 1.2 C k Ω || pF Input impedance differential mode 200 || 1 C OUTPUT TA = +25°C VS– + 0.1 VS– + 0.2 A Linear output voltage: low TA = –40°C to +125°C VS– + 0.1 VS– + 0.2 B TA = +25°C VS+ – 0.25 VS+ – A V 0.12 Linear output voltage: high TA = –40°C to +125°C VS+ – 0.25 VS+ – B 0.12 Output saturation voltage: high/low 120/100 mV C TA = +25°C ±15 ±25 A Linear output current drive mA TA = –40°C to +125°C ±15 B (2) Input offset voltage drift, input bias current drift, and input offset current drift are average values calculated by taking data at the end points, computing the difference, and dividing by the temperature range. Copyright © 2011–2012, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): THS4531 |
Similar Part No. - THS4121 |
|
Similar Description - THS4121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |