Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59283RGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59283RGER
Description  16-Channel, Constant-Current LED Driver with Pre-Charge FET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59283RGER Datasheet(HTML) 1 Page - Texas Instruments

  TLC59283RGER Datasheet HTML 1Page - Texas Instruments TLC59283RGER Datasheet HTML 2Page - Texas Instruments TLC59283RGER Datasheet HTML 3Page - Texas Instruments TLC59283RGER Datasheet HTML 4Page - Texas Instruments TLC59283RGER Datasheet HTML 5Page - Texas Instruments TLC59283RGER Datasheet HTML 6Page - Texas Instruments TLC59283RGER Datasheet HTML 7Page - Texas Instruments TLC59283RGER Datasheet HTML 8Page - Texas Instruments TLC59283RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SIN
SCLK
LAT
BLANK
SOUT
GND
VCC
Device 1
OUT0
OUT15
VCC
VLED
VLED
DATA
SCLK
LAT
BLANK
R
IREF
IREF
Controller
3
¼
COM1
COM0
SW
COM1
VLED
¼
COMn
SW
COMn
SW
COM0
SIN
SCLK
LAT
BLANK
SOUT
GND
VCC
Device n
OUT0
OUT15
VCC
R
IREF
IREF
¼
+
TLC59283
www.ti.com
SBVS199A – JUNE 2012 – REVISED JUNE 2012
16-Channel, Constant-Current LED Driver with Pre-Charge FET
Check for Samples: TLC59283
1
FEATURES
2
16-Channel, Constant-Current Sink Output
APPLICATIONS
with On and Off Control
Video Displays
Constant-Current Sink Capability:
Message Boards
35 mA (VCC ≤ 3.6 V), 45 mA (VCC > 3.6 V)
LED Power-Supply Voltage: Up to 10 V
DESCRIPTION
VCC = 3 V to 5.5 V
The TLC59283 is a 16-channel, constant-current sink
light-emitting diode (LED) driver. Each channel can
Constant-Current Accuracy:
be
individually
controlled
with
a
simple
serial
Channel-to-Channel:
communications protocol that is compatible with 3.3-V
±1.4% (typ), ±3% (max)
or 5-V CMOS logic levels, depending on the
Device-to-Device: ±2% (typ), ±4% (max)
operating VCC. When the serial data buffer is loaded,
a LAT rising edge transfers the data to the OUTn
CMOS Logic Level I/O
outputs. The BLANK pin can be used to turn off all
Data Transfer Rate: 35 MHz
OUTn outputs during power-on and output data
BLANK Pulse Width: 50 ns
latching to prevent unwanted image displays during
these times. The constant-current value of all 16
Pre-Charge FET for Ghosting Reduction
channels is set by a single external resistor.
Grouped Switching Delay for Noise Reduction
Each constant-current output has a pre-charge field-
Operating Temperature: –40°C to +85°C
effect transistor (FET) that can reduce ghosting on
the multiplexing (dynamic) drive LED display. Multiple
TLC59283s can be cascaded together to control
additional LEDs from the same processor.
Typical Application Circuit (Multiple Daisy-Chained TLC59283s)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC59283RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59283RGER TI1-TLC59283RGER Datasheet
1Mb / 29P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
More results

Similar Description - TLC59283RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59283 TI1-TLC59283_15 Datasheet
1Mb / 29P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with Pre-Charge FET
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com