Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3262IYZFR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3262IYZFR
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262IYZFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC3262IYZFR Datasheet HTML 2Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 3Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 4Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 5Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 6Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 7Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 8Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 9Page - Texas Instruments TLV320AIC3262IYZFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
TLV320AIC3262
SLAS679 – DECEMBER 2011
www.ti.com
Table 1. TERMINAL FUNCTIONS – 81 Ball WCSP (YZF) Package (continued)
WCSP (YZF)
BALL
NAME
I/O/P
DESCRIPTION
LOCATION
E8
SPK_V
P
Class-D Output Stage Power Supply (Connect to SRVDD through a Resistor)
E9
SPKRP
O
Right Channel P side Class-D Output
F1
IN2L
I
Analog Input 2 Left
F2
IN2R
I
Analog Input 2 Right
F3
AVDD_18
P
1.8V Analog Power Supply
F4
DVSS
P
Digital Ground
Multi Function Digital Input 3
Primary: (SPI_SELECT = 1)
ADC Bit Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
F5
GPI3
I
ADC Word Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
Secondary: (SPI_SELECT = 0)
I2C Address Bit 1 (I2C_ADDR0, LSB)
Multi Function Digital Input 2
Primary:
General Purpose Input
Secondary:
Audio Serial Data Bus 1 Data Input
Audio Serial Data Bus 1 Data Input (L2/R2 or L3/R3 or L4/R4)
F6
GPI2
I
Digital Microphone Data Input
General Clock Input
Low-Frequency Clock Input
ADC Word Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
ADC Bit Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
Multi Function Digital Input 4
Primary: (SPI_SELECT = 1)
ADC Bit Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
F7
GPI4
I
ADC Word Clock Input for Audio Serial Data Bus 1, 2, or 3 (Six-Wire Audio
Interface)
Secondary: (SPI_SELECT = 0)
I2C Address Bit 2 (I2C_ADDR1, MSB)
F8
IOVSS
P
Digital I/O Buffer Ground
F9
VBAT
I
Battery Monitor Voltage Input
G1
MCLK1
I
Master Clock Input 1
Primary:
Audio Serial Data Bus 2 Bit Clock
Secondary:
Audio Serial Data Bus 1 Data Input (L3/R3)
Audio Serial Data Bus 1 Data Output (L3/R3)
General Purpose Input
G2
BCLK2
I/O
General Purpose Output
General CLKOUT Output
ADC MOD Clock Output
SAR ADC Interrupt
INT1 Output
INT2 Output
General Clock Input
Low-Frequency Clock Input
6
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3262


Similar Part No. - TLV320AIC3262IYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3262IYZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com