Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC3202CYZJT Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV320DAC3202CYZJT
Description  LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3202CYZJT Datasheet(HTML) 3 Page - Texas Instruments

  TLV320DAC3202CYZJT Datasheet HTML 1Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 2Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 3Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 4Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 5Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 6Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 7Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 8Page - Texas Instruments TLV320DAC3202CYZJT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLV320DAC3202
www.ti.com
SLAS726B – SEPTEMBER 2010 – REVISED MARCH 2012
Table 3. TERMINAL FUNCTIONS (continued)
TERMINAL
VOLTAGE
I/O
DESCRIPTION
LEVEL (V)
NAME
NO.
HSOUTR
D4
Output
±1.5
Headset output right
HSVSS
D5
Input/Output
-1.95
Headset negative supply
ABSOLUTE MAXIMUM RATINGS
(1)
All voltages values are with respect to GND. Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
DC
-0.3 to 5
AVDD (VBAT)
V
AC(2)
-0.3 to 5.5
DC
-0.3 to 2.1
DVDD (VIO)
V
AC(2)
-0.3 to 2.2
TA
Operating free air temperature
-40 to 85
°C
TJ
Maximum junction temperature
125
°C
Tstg
Storage temperature
-65 to 150
°C
Lead temperature
115
°C
Human Body Model
-2000 to 2000
ESD rating (all pins)
V
Charged Device Model
-500 to 500
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For spike duration of 1 ms, 10,000 times over 7 years (lifetime).
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TA
Operating free air temperature
-30
85
°C
Tstg
Storage temperature
-55
150
°C
ELECTRICAL CHARACTERISTICS
AVDD = 3.7 V, DVDD = 1.8 V, TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Functional only
2.3
4.8
AVDD
V
(VBAT)
Parametric performance
2.3
4.8
DVDD (VIO)
1.65
1.8
1.95
V
VIH,
0.65 x
V
digital(1)
VIO
VIL,
0.35 x
V
digital(1)
VIO
Enabled
-1.5
1.5
HSOUTL/R Voltage
V
Disabled, HiZ
1.8
Power consumption from
No load
6.5
all supplies with internal
mW
PLL
0.1 mW/channel, 1 kHz, 32
Ω
9.7
(SNR = 100 dBA)
(1)
CHIP_EN = 1, HSLEN = 1, HSREN = 1, active I2S, idle channel, amplifiers muted
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV320DAC3202


Similar Part No. - TLV320DAC3202CYZJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320DAC3203IRGER TI1-TLV320DAC3203IRGER Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320DAC3203IRGET TI1-TLV320DAC3203IRGET Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320DAC3203IYZKR TI1-TLV320DAC3203IYZKR Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
TLV320DAC3203IYZKT TI1-TLV320DAC3203IYZKT Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
More results

Similar Description - TLV320DAC3202CYZJT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_11 Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec Comprehensive Headset Detection
Rev 1; 3/11
logo
Diodes Incorporated
AZV5001 DIODES-AZV5001 Datasheet
634Kb / 12P
   Low-Power Headset Detection IC in Miniaturized Package
logo
SHENZHEN FUMAN ELECTRON...
FM5401 FUMAN-FM5401 Datasheet
731Kb / 11P
   Bluetooth Headset Mobile Power Management IC
logo
Winbond
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Texas Instruments
OPA1622 TI1-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   High-Fidelity, Bipolar-Input, Audio Operational Amplifier
logo
Analog Devices
SSM6322 AD-SSM6322 Datasheet
518Kb / 20P
   High Fidelity, Low Power, Integrated Stereo Audio Amplifier
logo
National Semiconductor ...
LME49811 NSC-LME49811 Datasheet
672Kb / 18P
   High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
Intersil Corporation
LME49811 INTERSIL-LME49811 Datasheet
634Kb / 18P
   High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
Shenzhen Huazhimei Semi...
HM233B HMSEMI-HM233B Datasheet
1Mb / 12P
   TWS Bluetooth headset dedicated touch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com