Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC3203IYZKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC3203IYZKR
Description  Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3203IYZKR Datasheet(HTML) 2 Page - Texas Instruments

  TLV320DAC3203IYZKR Datasheet HTML 1Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 2Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 3Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 4Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 5Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 6Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 7Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 8Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TLV320DAC3203
SLOS756 – MAY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
Combined with the advanced PowerTune technology, the device can cover operations from 8kHz mono voice
playback to stereo 192kHz DAC playback, making it ideal for portable battery-powered audio and telephony
applications.
The playback path offers signal processing blocks for filtering and effects, true differential output signal, flexible
mixing of DAC and analog input signals as well as programmable volume controls. The TLV320DAC3203
contains two high-power output drivers which can be configured in multiple ways, including stereo and mono
BTL. The integrated PowerTune technology allows the device to be tuned to just the right power-performance
trade-off. Mobile applications frequently have multiple use cases requiring very low-power operation while being
used in a mobile environment. When used in a docked environment, power consumption typically is less of a
concern and lowest possible noise is more important. With PowerTune the TLV320DAC3203 can address both
cases.
The voltage supply range for the TLV320DAC3203 for analog is 1.5V–1.95V, and for digital it is 1.26V–1.95V. To
ease system-level design, a low-dropout regulator (LDO) is integrated to generate the appropriate analog supply
from input voltages ranging from 1.8V to 3.6V. Digital I/O voltages are supported in the range of 1.1V–3.6V.
The required internal clock of the TLV320DAC3203 can be derived from multiple sources, including the MCLK,
BCLK, GPIO pins or the output of internal PLL, where the input to the PLL again can be derived from the MCLK,
BCLK or GPIO pins. Although using the internal, fractional PLL ensures the availability of a suitable clock signal,
it is not recommended for the lowest power settings. The PLL is highly programmable and can accept available
input clocks in the range of 512kHz to 50MHz.
The device is available in the 4mm × 4mm QFN and 2.7mm × 2.7mm WCSP package.
2
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TLV320DAC3203IYZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJR TI1-TLV320DAC3202CYZJR Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJT TI1-TLV320DAC3202CYZJT Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
More results

Similar Description - TLV320DAC3203IYZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
   Low-power asynchronous stereo audio Codec with integrated power amplifiers
STW5095 STMICROELECTRONICS-STW5095 Datasheet
667Kb / 69P
   Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com