Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT3904S Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # SMBT3904S
Description  NPN Silicon Switching Transistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBT3904S Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  SMBT3904S Datasheet HTML 1Page - Siemens Semiconductor Group SMBT3904S Datasheet HTML 2Page - Siemens Semiconductor Group SMBT3904S Datasheet HTML 3Page - Siemens Semiconductor Group SMBT3904S Datasheet HTML 4Page - Siemens Semiconductor Group SMBT3904S Datasheet HTML 5Page - Siemens Semiconductor Group SMBT3904S Datasheet HTML 6Page - Siemens Semiconductor Group SMBT3904S Datasheet HTML 7Page - Siemens Semiconductor Group SMBT3904S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SMBT 3904S
Semiconductor Group
Sep-07-1998
7
Storage time
tstg = f(IC)
EHP00762
10
mA
t
C
s
10
1
10
0
10
10
01
2
Ι
55
ns
3
10
10
2
10
3
h
FE= 20
10
25 C
125 C
10
= 20
FE
h
Delay time
td = f (IC)
Rise time
tr = f (IC)
EHP00761
10
mA
t
C
r
10
1
10
0
10
10
01
2
Ι
55
ns
r
t
t
d
,
3
10
d
t
10
2
10
3
= 3 V
CC
V
0 V
V
= 2 V
BE
40 V
15 V
h
FE = 10
Fall time
tf = f (IC)
Rise time
tr = f (IC)
EHP00764
10
mA
t
C
r
10
1
10
0
10
10
01
2
Ι
55
ns
3
10
10
2
10
3
25 C
125 C
CC
V
= 40 V
= 10
FE
h
Semiconductor Group
7
1998-11-01


Similar Part No. - SMBT3904S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3904S INFINEON-SMBT3904S Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
SMBT3904S INFINEON-SMBT3904S Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
More results

Similar Description - SMBT3904S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3904S INFINEON-SMBT3904S Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
SMBT3904U INFINEON-SMBT3904U Datasheet
76Kb / 8P
   NPN Silicon Switching Transistor Array
Nov-30-2001
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
BC817U INFINEON-BC817U Datasheet
45Kb / 4P
   NPN Silicon Transistor Array
Nov-29-2001
logo
NEC
UPA1452 NEC-UPA1452 Datasheet
156Kb / 4P
   NPN SILICON EPITAXIAL POWER TRANSISTOR ARRAY HIGH SPEED SWITCHING
logo
Infineon Technologies A...
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
logo
Siemens Semiconductor G...
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
   PNP Silicon Switching Transistor Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com