Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7103318DSER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7103318DSER
Description  Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7103318DSER Datasheet(HTML) 5 Page - Texas Instruments

  TLV7103318DSER Datasheet HTML 1Page - Texas Instruments TLV7103318DSER Datasheet HTML 2Page - Texas Instruments TLV7103318DSER Datasheet HTML 3Page - Texas Instruments TLV7103318DSER Datasheet HTML 4Page - Texas Instruments TLV7103318DSER Datasheet HTML 5Page - Texas Instruments TLV7103318DSER Datasheet HTML 6Page - Texas Instruments TLV7103318DSER Datasheet HTML 7Page - Texas Instruments TLV7103318DSER Datasheet HTML 8Page - Texas Instruments TLV7103318DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
OUT1
OUT2
GND
6
5
4
EN1
IN
EN2
1
2
3
TLV710 Series
TLV711 Series
www.ti.com
SBVS142A – JULY 2010 – REVISED AUGUST 2010
PIN CONFIGURATION
DSE PACKAGE
1.5mm x 1.5mm SON-6
(TOP VIEW)
PIN DESCRIPTIONS
NAME
PIN NO.
DESCRIPTION
Enable pin for regulator 1. Driving EN1 over 0.9V turns on regulator 1. Driving EN below 0.4V puts regulator
EN1
1
1 into shutdown mode.
Input pin. A small capacitor is needed from this pin to ground to assure stability. See Input and Output
IN
2
Capacitor Requirements in the Application Information section for more details.
Enable pin for regulator 2. Driving EN2 over 0.9V turns on regulator 2. Driving EN2 below 0.4V puts
EN2
3
regulator2 into shutdown mode.
GND
4
Ground pin.
Regulated output voltage pin. A small 1mF ceramic capacitor is needed from this pin to ground to assure
OUT2
5
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
Regulated output voltage pin. A small 1mF ceramic capacitor is needed from this pin to ground to assure
OUT1
6
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TLV7103318DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7103318DSER TI1-TLV7103318DSER Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
TLV7103318DSER TI1-TLV7103318DSER Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV7103318DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV710 TI-TLV710_10 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_17 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7103318-Q1 TI1-TLV7103318-Q1_17 Datasheet
1Mb / 22P
[Old version datasheet]   Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com