Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT3906S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SMBT3906S
Description  PNP Silicon Switching Transistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBT3906S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SMBT3906S Datasheet HTML 1Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 2Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 3Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 4Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 5Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 6Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 7Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMBT 3906S
Semiconductor Group
Sep-07-1998
3
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Values
Symbol
Unit
max.
typ.
min.
AC Characteristics
fT
250
-
MHz
-
Transition frequency
IC = 10 mA, VCE = 5 V, f = 100 MHz
Ccb
-
-
Collector-base capacitance
VCB = 10 V, f = 1 MHz
pF
4.5
Ceb
-
-
10
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
h11e
2
12
-
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
k
h12e
0.1
10
10-4
-
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
h21e
100
-
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
-
400
h22e
3
-
60
µs
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
Noise figure
IC = 100 µA, VCE = 5 V, RS = 1 kΩ,
f = 1 kHz,
∆ f = 200 Hz
F
-
-
4
dB
Delay time
VCC = 3 V, IC = 10 mA, IB1 = 1 mA,
VBE(off) = 0.5 V
td
-
-
35
ns
Rise time
VCC = 3 V, IC = 10 mA, IB1 = 1 mA,
VBE(off) = 0.5 V
tr
-
-
35
Storage time
VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA
tstg
-
-
225
Fall time
VCC = 3 V, IC = 10 mA, IB1=IB2 = 1mA
tf
-
-
75
Semiconductor Group
3
1998-11-01


Similar Part No. - SMBT3906S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906S INFINEON-SMBT3906S Datasheet
888Kb / 13P
   High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
2008-02-29
SMBT3906S INFINEON-SMBT3906S Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
More results

Similar Description - SMBT3906S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
BC807U INFINEON-BC807U Datasheet
45Kb / 4P
   PNP Silicon Transistor Array
Nov-29-2001
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
   PNP Silicon AF Transistor Array
Aug-30-2002
BCR183U INFINEON-BCR183U Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com