Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2029D1YZFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2029D1YZFR
Description  3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2029D1YZFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2029D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 9Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 10Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 11Page - Texas Instruments TPA2029D1YZFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G021
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
THD = 1%
THD = 10%
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G022
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
THD = 1%
THD = 10%
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Gain – dB
TPA2029D1
SLOS661A – DECEMBER 2011 – REVISED APRIL 2012
www.ti.com
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 10.
Figure 11.
VOLTAGE
VOLTAGE
vs
vs
SHUTDOWN TIME
STARTUP TIME
Figure 12.
Figure 13.
Nominal Input Impedance - Per Leg
Figure 14.
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPA2029D1


Similar Part No. - TPA2029D1YZFR

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TPA2029NND03-HF COMCHIP-TPA2029NND03-HF Datasheet
150Kb / 5P
   General Purpose Transistor
TPA2029NND03Q-HF COMCHIP-TPA2029NND03Q-HF Datasheet
150Kb / 5P
   General Purpose Transistor
TPA2029NND03R-HF COMCHIP-TPA2029NND03R-HF Datasheet
150Kb / 5P
   General Purpose Transistor
TPA2029NND03S-HF COMCHIP-TPA2029NND03S-HF Datasheet
150Kb / 5P
   General Purpose Transistor
More results

Similar Description - TPA2029D1YZFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com