Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1E10B09 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1E10B09
Description  Single Channel ESD Protection Device in 0402 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1E10B09 Datasheet(HTML) 2 Page - Texas Instruments

  TPD1E10B09 Datasheet HTML 1Page - Texas Instruments TPD1E10B09 Datasheet HTML 2Page - Texas Instruments TPD1E10B09 Datasheet HTML 3Page - Texas Instruments TPD1E10B09 Datasheet HTML 4Page - Texas Instruments TPD1E10B09 Datasheet HTML 5Page - Texas Instruments TPD1E10B09 Datasheet HTML 6Page - Texas Instruments TPD1E10B09 Datasheet HTML 7Page - Texas Instruments TPD1E10B09 Datasheet HTML 8Page - Texas Instruments TPD1E10B09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPD1E10B09
SLLSEB0A – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
MIN
MAX
UNIT
Operating temperature range
-40
125
°C
Storage temperature
–65
155
°C
IEC 61000-4-2 contact ESD
±20
kV
IEC 61000-4-2 air-gap ESD
±20
kV
IPP
Peak pulse current (tp = 8/20
μs)
4.5
A
PPP
Peak pulse power (tp = 8/20
μs)
90
W
ELECTRICAL CHARACTERISTICS
TA = –40ºC to 85ºC unless otherwise specified
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
Pin 1 to 2 or Pin 2 to 1
9
V
ILEAK
Leakage current
Pin 1 = 5 V, Pin 2 = 0 V
100
nA
IPP = 1 A, tp = 8/20 μSec
(1)
13
Clamp voltage with ESD strike on pin 1, pin 2
VClamp1,2
V
grounded.
IPP = 5 A, tp = 8/20 μSec
(1)
17
IPP = 1 A, tp = 8/20 μSec
(1)
13
Clamp voltage with ESD strike on pin 2, pin 1
VClamp2,1
V
grounded.
IPP = 5 A, tp = 8/20 μSec
(1)
20
Pin 1 to Pin 2(2)
0.5
RDYN
Dynamic resistance
Ω
Pin 2 to Pin 1(2)
0.5
CIO
IO capacitance
VIO = 2.5 V
10
pF
VBR1,2
Break-down voltage, pin 1 to pin 2
IIO = 1 mA
9.5
V
VBR2,1
Break-down voltage, pin 2 to pin 1
IIO = 1 mA
9.5
V
(1)
Non-repetitive current pulse 8/20 us exponentially decaying waveform according to IEC61000-4-5
(2)
Extraction of RDYN using least squares fit of TLP characteristics between IPP = 10A and IPP = 20A.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPD1E10B09


Similar Part No. - TPD1E10B09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B09 TI1-TPD1E10B09 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09 Datasheet
118Kb / 7P
[Old version datasheet]   1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
TPD1E10B09-Q1 TI1-TPD1E10B09-Q1 Datasheet
118Kb / 7P
[Old version datasheet]   1-Channel ESD in 0402 Package with 10-pF Capacitance and 9-V Breakdown
TPD1E10B09DPYR TI1-TPD1E10B09DPYR Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
More results

Similar Description - TPD1E10B09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E10B06 TI1-TPD1E10B06_14 Datasheet
1Mb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06 Datasheet
873Kb / 12P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_14 Datasheet
901Kb / 14P
[Old version datasheet]   Single Channel ESD Protection Device in 0402 Package
TPD1E10B09 TI1-TPD1E10B09_15 Datasheet
788Kb / 18P
[Old version datasheet]   Single-Channel ESD Protection Device in 0402 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
[Old version datasheet]   Single-Channel ESD Protection Diode in 0402 Package
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_14 Datasheet
420Kb / 13P
[Old version datasheet]   Single Channel ESD Protection Device in 0201 Package
logo
Shanghai Leiditech Elec...
PESD0603MS12 LEIDITECH-PESD0603MS12 Datasheet
2Mb / 7P
   PESD0603MS12 Single-Channel ESD Protection Device in 0603 Package
logo
AMAZING Microelectronic...
AZ4617-01F AMAZING-AZ4617-01F Datasheet
191Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/06/30
AZ5423-01F AMAZING-AZ5423-01F Datasheet
280Kb / 7P
   Ultra Low Capacitance ESD Protection Device 0402 DFN Package for ESD Protection
Revision 2015/09/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com