Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71730PDQNR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71730PDQNR
Description  150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71730PDQNR Datasheet(HTML) 4 Page - Texas Instruments

  TLV71730PDQNR Datasheet HTML 1Page - Texas Instruments TLV71730PDQNR Datasheet HTML 2Page - Texas Instruments TLV71730PDQNR Datasheet HTML 3Page - Texas Instruments TLV71730PDQNR Datasheet HTML 4Page - Texas Instruments TLV71730PDQNR Datasheet HTML 5Page - Texas Instruments TLV71730PDQNR Datasheet HTML 6Page - Texas Instruments TLV71730PDQNR Datasheet HTML 7Page - Texas Instruments TLV71730PDQNR Datasheet HTML 8Page - Texas Instruments TLV71730PDQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
OUT
GND
IN
EN
1
2
4
3
GND
OUT
EN
IN
3
4
2
1
TLV717xx
TLV717xxP
SBVS176A – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
PIN CONFIGURATION
DQN PACKAGE
DQN PACKAGE
1-mm × 1-mm TBD
1-mm × 1-mm TBD
(Top View)
(Bottom View)
PIN DESCRIPTIONS
PIN
NAME
NO.
DESCRIPTION
Enable pin. Driving EN over 1.2 V turns on the regulator. Driving EN below 0.4 V puts the regulator into shutdown
EN
3
mode.
GND
2
Ground pin
Input pin. A small capacitor is recommended from this pin to ground to assure stability. See the Input and Output
IN
4
Capacitor Requirements section in the Application Information for more details.
Regulated output voltage pin. A small 1-
μF ceramic capacitor is recommended from this pin to ground to assure
OUT
1
stability. See the Input and Output Capacitor Requirements section in the Application Information for more details.
Thermal
It is recommended to connect this pin to GND for improved thermal performance.
pad
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TLV717xx TLV717xxP


Similar Part No. - TLV71730PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71730PDQNR TI1-TLV71730PDQNR Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
More results

Similar Description - TLV71730PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com