Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70028DDCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70028DDCR
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70028DDCR Datasheet(HTML) 2 Page - Texas Instruments

  TLV70028DDCR Datasheet HTML 1Page - Texas Instruments TLV70028DDCR Datasheet HTML 2Page - Texas Instruments TLV70028DDCR Datasheet HTML 3Page - Texas Instruments TLV70028DDCR Datasheet HTML 4Page - Texas Instruments TLV70028DDCR Datasheet HTML 5Page - Texas Instruments TLV70028DDCR Datasheet HTML 6Page - Texas Instruments TLV70028DDCR Datasheet HTML 7Page - Texas Instruments TLV70028DDCR Datasheet HTML 8Page - Texas Instruments TLV70028DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TLV700xx
SLVSA00C
– SEPTEMBER 2009 – REVISED JULY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TLV700xx yyy z
XX is nominal output voltage (for example, 28 = 2.8 V).
YYY is the package designator.
Z is tape and reel quantity (R = 3000, T = 250).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Output voltages from 1.2 V to 4.8 V in 50-mV increments are available. Contact factory for details and availability.
ABSOLUTE MAXIMUM RATINGS
(1)
At TJ = –40°C to +125°C (unless otherwise noted). All voltages are with respect to GND.
PARAMETER
TLV700xx
UNIT
Input voltage range, VIN
–0.3 to +6.0
V
Enable voltage range, VEN
–0.3 to +6.0(2)
V
Output voltage range, VOUT
–0.3 to +6.0
V
Maximum output current, IOUT
Internally limited
Output short-circuit duration
Indefinite
Total continuous power dissipation, PDISS
See Dissipation Ratings Table
Human body model (HBM)
2
kV
ESD rating
Charged device model (CDM)
500
V
Operating junction temperature range, TJ
–55 to +150
°C
Storage temperature range, TSTG
–55 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VEN absolute maximum rating is VIN + 0.3 V or 6.0 V, whichever is less.
DISSIPATION RATINGS
DERATING FACTOR
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = +25°C
TA < +25°C
TA = +70°C
TA = +85°C
Low-K(1)
DCK
165
°C/W
395
°C/W
2.5 mW/
°C
250 mW
140 mW
100 mW
High-K(2)
DCK
165
°C/W
315
°C/W
3.2 mW/
°C
320 mW
175 mW
130 mW
High-K(2)
DSE
67
°C/W
180
°C/W
4.55 mW/
°C
555 mW
305 mW
222 mW
Low-K(1)
DDC
90
°C/W
280
°C/W
3.6 mW/
°C
360 mW
200 mW
145 mW
High-K(2)
DDC
90
°C/W
200
°C/W
5.0 mW/
°C
500 mW
275 mW
200 mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3-inch
× 3-inch, two-layer board with 2-ounce copper traces on top of the
board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3-inch
× 3-inch, multilayer board with 1-ounce internal power and
ground planes and 2-ounce copper traces on top and bottom of the board.
2
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TLV70028DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70028DDCR TI-TLV70028DDCR Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70028DDCR TI-TLV70028DDCR Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70028DDCR TI-TLV70028DDCR Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70028DDCR TI-TLV70028DDCR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70028DDCR TI-TLV70028DDCR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70028DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com