Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2062C Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2062C
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2062C Datasheet(HTML) 4 Page - Texas Instruments

  TPS2062C Datasheet HTML 1Page - Texas Instruments TPS2062C Datasheet HTML 2Page - Texas Instruments TPS2062C Datasheet HTML 3Page - Texas Instruments TPS2062C Datasheet HTML 4Page - Texas Instruments TPS2062C Datasheet HTML 5Page - Texas Instruments TPS2062C Datasheet HTML 6Page - Texas Instruments TPS2062C Datasheet HTML 7Page - Texas Instruments TPS2062C Datasheet HTML 8Page - Texas Instruments TPS2062C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS2062C, TPS2066C
TPS2060C, TPS2064C
TPS2002C, TPS2003C
SLVSAX6C – OCTOBER 2011 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
–40°C
≤ (TJ = TA) ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V, VENx = VIN or VENx = 0 V, IOUTx = 0 A, typical values are at 5 V and 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
DGN
70
112
TPS2062C and 66C (1 A)
D
90
135
rDS(on)
On-resistance
m
Ω
TPS2060C and 64C (1.5 A)
70
112
TPS2002C and 03C (2 A)
70
112
ENABLE INPUT (ENx or ENx)
ENx (ENx), High-level input
VIH
4.5 V
≤ VIN ≤ 5.5 V
2
voltage
ENx (ENx), Low-level input
V
VIL
0.8
Voltage
Hysteresis
VIN = 5 V
0.14
Leakage current
VENx = 5.5 V or 0 V, VENx = 0 V or 5.5 V
-1
0
1
µA
VIN = 5 V, CL = 1 µF, RL = 100 Ω, ENx ↑ or
ENx
↓, See Figure 4, Figure 5, and Figure 2
ton
Turn-on time
ms
1 A, 1.5 A, 2 A Rated
1.4
1.9
2.4
VIN = 5 V, CL = 1 µF, RL = 100 Ω, ENx ↑ or
EN
↓, See Figure 4, Figure 5, and Figure 2
toff
Turn-off time
ms
1 A, 1.5 A, 2 A Rated
1.95
2.60
3.25
CL = 1 µF, RL = 100 Ω, see Figure 3
tr
Rise time, output
ms
1 A, 1.5 A, 2 A Rated
0.58
0.82
1.15
CL = 1 µF, RL = 100 Ω, see Figure 3
tf
Fall time, output
ms
1 A, 1.5 A, 2 A Rated
0.33
0.47
0.66
CURRENT LIMIT
TPS2062C/66C (1 A)
1.12
1.61
2.10
IOS
Current-limit, See Figure 7
TPS2060C and 64C (1.5 A)
1.72
2.29
2.86
A
TPS2002C and 03C (2 A)
2.22
2.96
3.7
VIN = 5 V (see Figure 6), One-half full load → R(SHORT) =
tIOS
Short-circuit response time(2)
50 m
Ω, measure from application to when current falls
2
µs
below 120% of final value
SUPPLY CURRENT
ISD
Supply current, switch disabled
Standard conditions, I(OUTx) = 0 mA
0.01
10
Supply current, single switch
IS1E
Standard conditions, I(OUTx) = 0 mA
90
enabled
µA
Supply current, both switches
IS2E
Standard conditions, I(OUTx) = 0 mA
150
enabled
ILKG
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, measured I(OUTx)
0.20
UNDERVOLTAGE LOCKOUT
UVLO
Low-level input voltage, IN
VIN rising
3.4
4.0
V
Hysteresis, IN(2)
0.14
V
FLTx
Output low voltage, FLTx
I(FLTx) = 1 mA
0.2
V
Off-state leakage
V(FLTx) = 5.5 V
1
µA
FLTx deglitch
FLTx overcurrent assertion/deassertion
7
10
13
ms
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
These parameters are provided for reference only, and do not constitute part of TI’s published device specifications for purposes of TI’s
product warranty.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2062C TPS2066C TPS2060C TPS2064C TPS2002C TPS2003C


Similar Part No. - TPS2062C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062C-2 TI1-TPS2062C-2 Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CD TI1-TPS2062CD Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CDGN TI1-TPS2062CDGN Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CDGNR TI1-TPS2062CDGNR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CDR TI1-TPS2062CDR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2062C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com