Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2543 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2543
Description  USB Charging Port Controller and Power Switch with Load Detection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2543 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2543 Datasheet HTML 1Page - Texas Instruments TPS2543 Datasheet HTML 2Page - Texas Instruments TPS2543 Datasheet HTML 3Page - Texas Instruments TPS2543 Datasheet HTML 4Page - Texas Instruments TPS2543 Datasheet HTML 5Page - Texas Instruments TPS2543 Datasheet HTML 6Page - Texas Instruments TPS2543 Datasheet HTML 7Page - Texas Instruments TPS2543 Datasheet HTML 8Page - Texas Instruments TPS2543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS2543
SLVSBA6 – FEBRUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE
DEVICE
TOP-SIDE MARKING
–40°C to 125°C
QFN16
TPS2543
2543
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range, voltages are referenced to GND (unless otherwise noted)
LIMIT
UNIT
Voltage range
IN, EN, ILIM_LO, ILIM_HI, FAULT, STATUS, ILIM_SEL,
–0.3 to 7
V
CTL1, CTL2, CTL3, OUT
IN to OUT
–7 to 7
DP_IN, DM_IN, DP_OUT, DM_OUT
–0.3 to (IN + 0.3) or 5.7
Input clamp current
DP_IN, DM_IN, DP_OUT, DM_OUT
±20
mA
Continuous current in SDP or CDP
DP_IN to DP_OUT or DM_IN to DM_OUT
±100
mA
mode
Continuous current in BC1.2 DCP
DP_IN to DM_IN
±50
mA
mode
Continuous output current
OUT
Internally limited
Continuous output sink current
FAULT, STATUS
25
mA
Continuous output source current
ILIM_LO, ILIM_HI
Internally limited
mA
ESD rating
HBM
2
kV
HBM wrt GND and each other, DP_IN, DM_IN
8
CDM
500
V
Operating junction temperature, TJ
–40 to Internally limited
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS2543
THERMAL METRIC(1)
UNITS
RTE (16 PIN)
θJA
Junction-to-ambient thermal resistance
53.4
θJCtop
Junction-to-case (top) thermal resistance
51.4
θJB
Junction-to-board thermal resistance
17.2
°C/W
ψJT
Junction-to-top characterization parameter
3.7
ψJB
Junction-to-board characterization parameter
20.7
θJCbot
Junction-to-case (bottom) thermal resistance
3.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2543


Similar Part No. - TPS2543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543QRTERQ1 TI1-TPS2543QRTERQ1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543QRTETQ1 TI1-TPS2543QRTETQ1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
More results

Similar Description - TPS2543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com