Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2002C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2002C
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2002C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2002C Datasheet HTML 6Page - Texas Instruments TPS2002C Datasheet HTML 7Page - Texas Instruments TPS2002C Datasheet HTML 8Page - Texas Instruments TPS2002C Datasheet HTML 9Page - Texas Instruments TPS2002C Datasheet HTML 10Page - Texas Instruments TPS2002C Datasheet HTML 11Page - Texas Instruments TPS2002C Datasheet HTML 12Page - Texas Instruments TPS2002C Datasheet HTML 13Page - Texas Instruments TPS2002C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
−3μ
−2μ
−1μ
0
−1
1
3
5
7
−6
0
6
12
18
24
30
36
42
OUTx
Time (s)
IOUTx
V
IN = 5 V, C
= 0 F, R
= 50 m , TPS2064C
Lx
Loadx
μ
Ω
−6m −4m −2m
0
2m
4m
6m
8m
10m 12m 14m
−6
−4
−2
0
2
4
6
8
−2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
OUTx
ENx
FLTx
Time (s)
IOUTx
V
IN = 5 V, C
= 150 F, R
= 0
, TPS2003C
Lx
Loadx
μ
Ω
−6m −4m −2m
0
2m
4m
6m
8m
10m 12m 14m
−6
−4
−2
0
2
4
6
8
−2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
OUTx
ENx
FLTx
Time (s)
IOUTx
V
IN = 5 V, C
= 150 F, R
= 0
, TPS2064C
Lx
Loadx
μ
Ω
−4m
−3m
−2m
−1m
0
1m
2m
3m
4m
5m
−8
−6
−4
−2
0
2
4
6
8
−1
0
1
2
3
4
5
6
7
OUTx
ENx
Time (s)
IOUTx
VIN = 5 V,CLx = 150 µF, RLoadx = 3.3 Ω, TPS2064C
−8m −4m
0
4m
8m
12m 16m 20m 24m 28m 32m
−8
−6
−4
−2
0
2
4
6
8
−0.6
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
OUTx
ENx
FLTx
Time (s)
IOUTx
V
IN = 5 V, C
= 150 F, R
= 0
, TPS2062C
Lx
Loadx
μ
Ω
−2m
0
2m
4m
6m
8m
10m 12m 14m 16m 18m
−8
−6
−4
−2
0
2
4
6
8
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
OUTx
ENx
FLTx
Time (s)
IOUTx
V
IN = 5 V, C
= 150 F, R
= 10
, TPS2062C
Lx
Loadx
μ
Ω
TPS2062C, TPS2066C
TPS2060C, TPS2064C
TPS2002C, TPS2003C
SLVSAX6C – OCTOBER 2011 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 19. TPS2062C Enable/Disable
Figure 20. TPS2062C Enable/Disable
into Output Short
into 10-
Ω Load
Figure 21. TPS2064C Enable into Short
Figure 22. TPS2064C Enable into 3.3
Ω and 150-μF Laod
Figure 23. TPS2064C Short Applied
Figure 24. TPS2003C Enable into Short
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2062C TPS2066C TPS2060C TPS2064C TPS2002C TPS2003C


Similar Part No. - TPS2002C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2002CDRCR TI1-TPS2002CDRCR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2002CDRCT TI1-TPS2002CDRCT Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2002C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com