Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2003C Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2003C
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2003C Datasheet(HTML) 5 Page - Texas Instruments

  TPS2003C Datasheet HTML 1Page - Texas Instruments TPS2003C Datasheet HTML 2Page - Texas Instruments TPS2003C Datasheet HTML 3Page - Texas Instruments TPS2003C Datasheet HTML 4Page - Texas Instruments TPS2003C Datasheet HTML 5Page - Texas Instruments TPS2003C Datasheet HTML 6Page - Texas Instruments TPS2003C Datasheet HTML 7Page - Texas Instruments TPS2003C Datasheet HTML 8Page - Texas Instruments TPS2003C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
I
OUT
I
OS
120% x I
OS
t
IOS
0A
Decreasing
Load
Resistance
VIN
0 A
0 V
IOUT
IOS
Slope = -rDS(on)
V
EN
V
OUT
t
on
t
off
50%
50%
10%
90%
V
EN
V
OUT
t
on
t
off
50%
50%
10%
90%
C
L
R
L
OUTx
t
r
10%
90%
V
OUT
t
f
TPS2062C, TPS2066C
TPS2060C, TPS2064C
TPS2002C, TPS2003C
www.ti.com
SLVSAX6C – OCTOBER 2011 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS (continued)
–40°C
≤ (TJ = TA) ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V, VENx = VIN or VENx = 0 V, IOUTx = 0 A, typical values are at 5 V and 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
OUTPUT DISCHARGE
VIN = 5 V, VOUT = 5 V, disabled
300
470
800
Output pull-down resistance(3)
VIN = 4 V, VOUT = 5 V, disabled
350
560
1200
THERMAL SHUTDOWN
In current limit
135
Junction thermal shutdown
°C
threshold
Not in current limit
155
Hysteresis(3)
20
°C
(3)
These parameters are provided for reference only, and do not constitute part of TI’s published device specifications for purposes of TI’s
product warranty.
Figure 2. Output Rise / Fall Test Load
Figure 3. Power-On and Off Timing
SPACER
Figure 4. Enable Timing, Active High Enable
Figure 5. Enable Timing, Active Low Enable
SPACER
Figure 6. Output Short Circuit Parameters
Figure 7. Output Characteristic Showing Current
SPACER
Limit
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2062C TPS2066C TPS2060C TPS2064C TPS2002C TPS2003C


Similar Part No. - TPS2003C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2003CDRCR TI1-TPS2003CDRCR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2003CDRCT TI1-TPS2003CDRCT Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2003C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com